Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet (PDF) - STMicroelectronics

VNI8200XP-32 Datasheet PDF - STMicroelectronics
Part # VNI8200XP-32
Download  VNI8200XP-32 Download
File Size   2095.05 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal high-side smart power solid-state relay with serial

VNI8200XP-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
VNI8200XP-32 Datasheet PDF - STMicroelectronics

Part # VNI8200XP-32
Download  VNI8200XP-32 Click to download

File Size   2095.05 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Octal high-side smart power solid-state relay with serial

VNI8200XP-32 Datasheet (HTML) - STMicroelectronics


VNI8200XP-32 Product details

Description
The VNI8200XP-32 is a monolithic 8-channel driver featuring a very low supply current, with integrated SPI interface and high efficiency 100 mA micropower step-down switching regulator peak current control loop mode. The IC, realized in STMicroelectronics VIPower™ technology, is intended to drive any kind of load with one side connected to ground.

Features
• Output current: 1 A per channel
• Serial/parallel selectable interface
• Short-circuit protection
• 8-bit and 16-bit SPI interface for IC command and control diagnostic
• Channel overtemperature detection and protection
• Thermal independence of separate channels
• All type of loads (resistive, capacitive, inductive load) are driven
• Loss of GND protection
• Power Good diagnostic
• Undervoltage shutdown with hysteresis
• Overvoltage protection (VCC clamping)
• Very low supply current
• Common fault open drain output
• IC warning temperature detection
• Channel output enable
• 100 mA high efficiency step-down switching regulator with integrated boot diode
• Adjustable regulator output
• Switching regulator disable
• 5 V and 3.3 V compatible I/Os
• Channel output status LED driving 4x2 multiplexed array
• Fast demagnetization of inductive loads
• ESD protection
• Designed to meet IEC61131-2, IEC61000-4-4 and IEC61000-4-5

Applications
• Programmable logic control
• Industrial PC peripheral input/output
• Numerical control machines




Similar Part No. - VNI8200XP-32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XPTR STMICROELECTRONICS-VNI8200XPTR Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
More results


Similar Description - VNI8200XP-32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com