Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 5Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
VNI8200XP-32
Pin connection
DocID027849 Rev 3
9/43
Pin
Name
Type
Description
14
VREF
Analog output
Internally generated DC-DC voltage reference (to be
connected to external 10 nF capacitor)
15
ROW0
Open drain
output
Status channel 1-2
16
ROW1
Open drain
output
Status channel 3-4
17
ROW2
Open drain
output
Status channel 5-6
18
ROW3
Open drain
output
Status channel 7-8
19
PG
Open drain
output
Power Good diagnostic, active low
20
FAULT
Open drain
output
Fault indication, active low
21
TWARN
Open drain
output
IC case warning temperature detection, active low
22
FB
Analog input
Step-down feedback input. The output voltage,
directly connected to this pin, results in an output
voltage of 3.3 V. An external resistor divider is
required for higher output voltages
23
GND
Ground
24
PHASE
Power output
Step-down output
25
BOOT
Power output
Step-down bootstrap voltage. Used to provide a
drive voltage, higher than the supply voltage, to
power the switch of the step-down regulator
26
NC
Not connected
27
OUT8
Power output
Channel 8 power output
28
OUT7
Power output
Channel 7 power output
29
OUT6
Power output
Channel 6 power output
30
OUT5
Power output
Channel 5 power output
31
OUT4
Power output
Channel 4 power output
32
OUT3
Power output
Channel 3 power output
33
OUT2
Power output
Channel 2 power output
34
OUT1
Power output
Channel 1 power output
35
NC
Not connected
36
NC
Not connected
TAB
TAB
Power supply
Exposed tab internally connected to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com