Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 18Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
VNI8200XP-32
Electrical characteristics
DocID027849 Rev 3
15/43
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Hyst
ILIM tracking limits
RLOAD = 0
0.3
A
ILFAULT
FAULT
leakage
current
Vpin = 5 V
2
μA
ITWARN
TWARN
leakage
current
IPG
PG
leakage current
TTSD
Junction shutdown
temperature
160
180
°C
TR
Junction reset
temperature
160
°C
THIST
Junction thermal
hysteresis
20
°C
TCSD
Case shutdown
temperature
115
130
155
°C
TCR
Case reset
temperature
110
°C
TCHYST
Case thermal
hysteresis
20
°C
tWD
Watchdog hold time
See Figure 8:
"Watchdog reset"
50
ns
tWM
Watchdog time
See Table 14:
"Programmable
watchdog time" and
Figure 8: "Watchdog
reset"
tOUT_EN
OUT_EN pin
propagation delay
(1)
VCC= 24 V IOUT 72 mA
10
us
tres
OUT_EN hold time
50
ns
tWO
Watchdog timeout
(2)
tWM +
td(off)
ms
Notes:
(1)
Time from reset active low and power out disable.
(2)
The time from tWM elapsed to power out disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com