Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
VNI8200XP-32
Maximum ratings
DocID027849 Rev 3
11/43
Table 4: Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case
(1)
Max.
2
°C/W
Rth(JA)
Thermal resistance junction-ambient
(2)
Max.
15
°C/W
Notes:
(1)
Per channel.
(2)
PowerSSO-36 mounted on a four-layer FR4, with 8 cm
2
for each layer, Cu thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com