Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 19Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 20Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 21Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 22Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 23Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 26Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
VNI8200XP-32
Pin function description
DocID027849 Rev 3
23/43
kept low. When counted CLK rising edges are a multiple of 8 and parity check is valid, the
FAULT
pin is kept high.
9.10
Power Good ( PG )
The PG
terminal is an open drain, which indicates the status of the supply voltage. When
VCC supply voltage reaches the Vsth1 threshold, PG goes into a high impedance state. It
goes into a low impedance state when VCC falls below the Vsth2 threshold.
In 16-bit SPI mode, a PG
bit is also available. This bit is set high when the Power Good
diagnostic is active, it is otherwise cleared.
Figure 7: Power Good diagnostic
9.11
Programmable watchdog counter reset (WD)
If SEL2 = H, the VNI8200XP-32 embeds a watchdog counter that must be erased, with a
negative pulse on the WD pin, before it expires. If the WD counter elapses, the
VNI8200XP-32 goes into an internal reset state where all the outputs are disabled; to
restart normal operation a negative pulse must be applied to the WD pin.
The watchdog enable/disable pin should be connected through an external divider to VREG.
The watchdog time is fixed in the following table:
Table 14: Programmable watchdog time
VWD_EN
tWM
0.25 VREG > VWD_EN
Disable
0.25 VREG ≤ VWD_EN < 0.5 VREG
40 ± 25% ms
0.25 VREG ≤ VWD_EN < 0.75 VREG
80 ± 25% ms
0.75 VREG ≤ VWD_EN = VREG
160 ± 25% ms
Vcc
PG
VPGH2
VPGH1
GIPG030420151221LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com