Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 2Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 3Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 4Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 5Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description
VNI8200XP-32
6/43
DocID027849 Rev 3
1
Description
The VNI8200XP-32 is a monolithic 8-channel driver featuring a very low supply current,
with integrated SPI interface and high efficiency 100 mA micropower step-down switching
regulator peak current control loop mode. The IC, realized in STMicroelectronics
VIPower™ technology, is intended to drive any kind of load with one side connected to
ground.
Active channel current limitation combined with thermal shutdown, independent for each
channel, and automatic restart, protect the device against overload.
Additional embedded functions are: loss of GND protection that automatically turns off the
device outputs in case of ground disconnection, undervoltage shutdown with hysteresis,
Power Good diagnostic for valid supply voltage range recognition, output enable function
for immediate power outputs ON/OFF, and programmable watchdog function for
microcontroller safe operation; case overtemperature protection to control the IC case
temperature.
The device embeds a four-wire SPI serial peripheral with selectable 8 or 16-bit operations;
through a select pin the device can also operate with a parallel interface.
Both the 8-bit and 16-bit SPI operations are compatible with daisy chain connection.
The SPI interface allows command of the output driver by enabling or disabling each
channel featuring, in 16-bit format, a parity check control for communication robustness. It
also allows the monitoring of the status of the IC signaling Power Good, overtemperature
condition for each channel, IC pre-warning temperature detection.
Built-in thermal shutdown protects the chip from overtemperature and short-circuit. In
overload condition, the channel turns OFF and ON again automatically after the IC
temperature decreases below a threshold fixed by a temperature hysteresis so that junction
temperature is controlled. If this condition makes case temperature reaching case
temperature limit, TCSD, overloaded channels are turned OFF and restart, non-
simultaneously, when case and junction temperature decrease below their own reset
threshold. If the case of thermal reset, the channels loaded are not switched on until the
junction temperature reset event. Non-overloaded channels continue to operate normally.
Case temperature above TCSD is reported through the TWARN open drain pin.
An internal circuit provides a not latched common FAULT
indicator reporting if one of the
following events occurs: channel OVT (overtemperature), parity check fail. The Power
Good diagnostic warns the controller that the supply voltage is below a fixed threshold.
The watchdog function is used to detect the occurrence of a software fault of the host
controller. The watchdog circuitry generates an internal reset on expiry of the internal
watchdog timer. The watchdog timer reset can be achieved by applying a negative pulse
on the WD pin. The watchdog function can be disabled by the WD_EN dedicated pin. This
pin also allows the programming of a wide range of watchdog timings.
An internal LED matrix driver circuitry (4 rows, 2 columns) allows the detection of the status
of the single outputs. An integrated step-down voltage regulator provides supply voltage to
the internal LED matrix driver and logic output buffers and can be used to supply the
external optocouplers if the application requires isolation. The regulator is protected against
short-circuit or overload conditions thanks to pulse-by-pulse current limit with a peak
current control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com