Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 21Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 22Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 23Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 26Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 27Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 28Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
VNI8200XP-32
SPI operation (SEL2 = H)
DocID027849 Rev 3
25/43
10
SPI operation (SEL2 = H)
10.1
8-bit SPI mode (SEL1 = L)
If SEL2 = H, the 8-bit SPI mode is based on an 8-bit command frame sent from the
microcontroller to the IC; each bit directly drives the corresponding output where LSB
drives output 0 and MSB drives output 7. Each bit, set to ‘1’, activates (closes) the
corresponding output.
At the same time, the IC transfers the channel fault conditions (OVT) to the microcontroller.
These fault conditions are latched at the occurrence and cleared after each communication
(each time the SS
signal has a positive transition). Each
bit, set to ‘1’, indicates an OVT
condition for the corresponding channel.
Table 15: Command 8-bit frame (master-to-slave)
MSB
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
Table 16: Fault 8-bit frame (slave-to-master)
MSB
LSB
F7
F6
F5
F4
F3
F2
F1
F0
10.2
16-bit SPI mode (SEL1 = H)
The 16-bit SPI mode is based on a 16-bit command frame sent from the microcontroller to
the IC; the first 8 bits directly drive the
output channels (each bit, set to ‘1’, activates the
corresponding output), the other 8 bits contain a 4-bit parity check code where the last bit
(the inversion of the previous one) is used to detect a communication error condition
(providing at least a transition in each frame):
P0 = IN0 +IN1+ IN2 +IN3 +IN4+ IN5+ IN6 +IN7
P1 = IN1 + IN3 + IN5 + IN7
P2 = IN0 + IN2 + IN4 + IN6
nP0 = not P0
Table 17: Command 16-bit frame (master-to-slave)
MSB
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
P2
P1
P0
nP0
At the same time, the IC transfers to the microcontroller a 16-bit fault frame where the first
8 bits indicate a channel fault (OVT) condition (each bit, set to ‘1’, indicates an OVT event),
the following 4 bits provide general fault condition information. FB_OK: this bit is related to
the DC-DC regulation: at the DC-DC turn-on, this bit is low and becomes high after FB
rises above 90% of the nominal VFB voltage and a correct SPI communication occurred. If
the FB voltage falls below 80% of the nominal VFB voltage, this bit is zero; TWARN (IC
warning case temperature), PC (parity check fail, the bit, set to ‘1’, indicates a PC fail or the
length is not a multiple of 8) and PG
(Power Good, see Section 9.10: "Power Good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com