Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 5 Page - STMicroelectronics

  VNI8200XP-32 Datasheet HTML 1Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 2Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 3Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 4Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 5Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
VNI8200XP-32
List of figures
DocID027849 Rev 3
5/43
List of figures
Figure 1: Block diagram ..............................................................................................................................7
Figure 2: Pin connection (top view) ............................................................................................................8
Figure 3: Reverse polarity protection ........................................................................................................17
Figure 4: Maximum demagnetization energy vs. load current, typical values ..........................................18
Figure 5: SPI mode diagram .....................................................................................................................21
Figure 6: Output channel enable/disable behavior ...................................................................................22
Figure 7: Power Good diagnostic .............................................................................................................23
Figure 8: Watchdog reset .........................................................................................................................24
Figure 9: LED driving array .......................................................................................................................27
Figure 10: Typical circuit for switching regulation VDC-out = 3.3 V .............................................................29
Figure 11: Typical circuit for switching regulation VDC-out = 5 V ................................................................30
Figure 12: SPI directional logic convention...............................................................................................31
Figure 13: PowerSSO-36 thermal impedance vs. time ............................................................................32
Figure 14: Thermal behavior.....................................................................................................................33
Figure 15: Serial timing .............................................................................................................................34
Figure 16: dV/dt(ON) and dV/dt(OFF) time diagram test conditions ........................................................35
Figure 17: td(ON) and td(OFF) time diagram test conditions...........................................................................35
Figure 18: PowerSSO-36 package outline ...............................................................................................36
Figure 19: PowerSSO-36 package outline details ....................................................................................37
Figure 20: PowerSSO-36 package outline details (section B-B) ..............................................................37
Figure 21: PowerSSO-36 tube shipment outline ......................................................................................39
Figure 22: PowerSSO-36 tape dimension outline ....................................................................................40
Figure 23: PowerSSO-36 reel shipment outline .......................................................................................41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com