Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
VNI8200XP-32
Electrical characteristics
DocID027849 Rev 3
13/43
5.2
SPI characteristics
10.5 V < VCC < 36 V; 2.7 V < VREG < 5 V; -40 <Tj <125 °C; unless otherwise specified
Table 6: SPI characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fCLK
SPI clock frequency
-
5
MHz
tr(CLK),
tf(CLK)
SPI clock rise/fall time
-
20
ns
tsu( SS )
SS
setup time
120
-
ns
th( SS )
SS
hold time
120
-
ns
tw(CLK)
CLK high time
80
-
ns
tsu(SDI)
Data input setup time
100
-
ns
th(SDI)
Data input hold time
100
-
ns
ta(SDO)
Data output access time
-
100
ns
tdis(SDO)
Data output disable time
-
200
ns
tv(SDO)
Data output valid time
-
100
ns
th(SDO)
Data output hold time
0
-
ns
VSDO
Voltage on serial data
output
ISDO =15 mA
VREG-0.8
-
V
ISDO =-4 mA
-
0.8
V
5.3
Switching
VCC = 24 V; -40 °C < TJ < 125 °C
Table 7: Switching
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(ON)
Turn-on delay time
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
5
-
µs
tr
Rise time
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
5
-
µs
td(OFF)
Turn-off delay time
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
10
-
µs
tf
Fall time
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
5
-
µs
dV/dt(ON)
Turn-on voltage
slope
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
3
-
V/µs
dV/dt(off)
Turn-off voltage
slope
IOUT = 0.5 A, resistive load,
input rise time < 0.1 µs
-
4
-
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com