Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 1 Page - STMicroelectronics

  VNI8200XP-32 Datasheet HTML 1Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 2Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 3Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 4Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 5Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
August 2015
DocID027849 Rev 3
1/43
This is information on a product in full production.
www.st.com
VNI8200XP-32
Octal high-side smart power solid-state relay with serial/parallel
selectable interface on-chip
Datasheet - production data
Features
Type
Vdemag
(1)
RDS(on)
(1)
IOUT
(1)
VCC
VNI8200XP-32
VCC-45 V
0.11 Ω
1 A
45 V
Notes:
(1)
Per channel
Output current: 1 A per channel
Serial/parallel selectable interface
Short-circuit protection
8-bit and 16-bit SPI interface for IC
command and control diagnostic
Channel overtemperature detection and
protection
Thermal independence of separate channels
All type of loads (resistive, capacitive,
inductive load) are driven
Loss of GND protection
Power Good diagnostic
Undervoltage shutdown with hysteresis
Overvoltage protection (VCC clamping)
Very low supply current
Common fault open drain output
IC warning temperature detection
Channel output enable
100 mA high efficiency step-down switching
regulator with integrated boot diode
Adjustable regulator output
Switching regulator disable
5 V and 3.3 V compatible I/Os
Channel output status LED driving 4x2
multiplexed array
Fast demagnetization of inductive loads
ESD protection
Designed to meet IEC61131-2,
IEC61000-4-4 and IEC61000-4-5
Applications
Programmable logic control
Industrial PC peripheral input/output
Numerical control machines
Table 1: Device summary
Order code
Package
Packing
VNI8200XP-32
PowerSSO-36
Tube
VNI8200XPTR-32
Tape and
reel
PowerSSO-36 package
with exposed pad down (EPD)


Similar Part No. - VNI8200XP-32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XPTR STMICROELECTRONICS-VNI8200XPTR Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
More results

Similar Description - VNI8200XP-32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com