Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical characteristics
VNI8200XP-32
12/43
DocID027849 Rev 3
5
Electrical characteristics
5.1
Power section
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 5: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
10.5
36
V
VCC
clamp
Clamp on VCC
Current 20 mA
45
50
52
V
RDS(on)
On-state
resistance
IOUT = 0.5 A at TJ = 25 °C
0.11
Ω
IOUT = 0.5 A at TJ = 125 °C
0.2
IS
VCC supply
current
All channels in OFF-state,
DC-DC in OFF-state,
VREG=5 V, SPI OFF
(1)
0.65
1
1.1
mA
All channels in ON-state,
DC-DC in ON-state VREG = 5
V, SPI ON
(2)
5.3
mA
All channels in ON-state,
DC-DC in OFF-state
VREG = 5 V, SPI ON
(3)
3.5
5.2
mA
IDS
VREG supply
current
DC-DC OFF VREG = 5 V SPI
OFF WD_EN = 0
200
µA
DC/DC OFF VREG = 5 V SPI
ON WD_EN = VREG
250
µA
ILGND
Output current at
GND
disconnection
All pins at 0 V except
VOUT = 24 V
0.5
mA
VOUT(OFF)
OFF-state output
voltage
VIN = 0 V, IOUT = 0 A
1
V
IOUT(OFF)
OFF-state output
current
VIN = VOUT = 0 V
0
2
µA
FCP
Charge pump
frequency
Channel in ON-state
(4)
1.45
MHz
Notes:
(1) SS signal high, no communication.
(2) SS signal low, communication ON.
(3) SS signal low, communication ON.
(4)
To cover EN55022 class A and class B normative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com