Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 18Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 19Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Electrical characteristics
VNI8200XP-32
16/43
DocID027849 Rev 3
5.6
Step-down switching regulator
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 10: Step-down switching regulator
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDC_out
Regulated output voltage
IREG from 0 to 100 mA
VREG 3.3 V, see Figure
10: "Typical circuit for
switching regulation
VDC-out = 3.3 V"
3.1
3.3
3.5
V
IREG from 0 to 100 mA
VREG 5 V, see Figure 11:
"Typical circuit for
switching regulation
VDC-out = 5 V"
5
VFB
Voltage feedback
3.1
3.3
3.5
V
RDS(on)
MOSFET on-resistance
1.5
Ω
Ilim
Limitation current
0.55
0.9
A
Iqop
Total operating quiescent
current
0.6
mA
Iqst-by
Total standby quiescent
current
Regulator standby
15.8
µA
fs
Switching frequency
400
kHz
Dmax
Maximum duty cycle
80%
%
Tonmin
Minimum on-time
150
ns
fsc
Frequency in short-circuit
condition
50
kHz
5.7
LED driving array
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 11: LED driving array
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCOL
Output source
voltage on COL
pins
Output current 0
to 7 mA
VREG-0.3
VREG-0.2
V
VROW
Open drain voltage
on ROW pins
Output current 0
to 15 mA
0.2
0.3
V
Fsw
Row refresh
frequency with
duty=25%
780
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com