Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Maximum ratings
VNI8200XP-32
10/43
DocID027849 Rev 3
4
Maximum ratings
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-0.3
V
VREG
Logic supply voltage
-0.3 to +6
V
VFAULT
VTWARN
VPG
Voltage range on pins TWARN , FAULT , PG
-0.3 to +6
V
VBOOT
Bootstrap peak voltage VPHASE = VCC
VCC+6
V
VROW
Voltage range on ROW pins
-0.3 to +6
V
VCOL
Voltage range on COL pins
-0.3 to +6
V
VIN
Voltage level range on logic input pins
-0.3 to +6
V
IOUT
Output current (continuous)
Internally limited
(1)
A
IR
Reverse output current (per channel)
-5
A
IGND
DC ground reverse current
-250
mA
IREG
VREG input current
-1/10
mA
IFAULT
ITWARN,
IPG
Current range on pins TWARN , FAULT , PG
-1 to +10
mA
IIN
Input current range
-1 to +10
mA
IROW
Current range on ROW pins (ROW in ON-state)
+20
mA
Current range on ROW pins (ROW in OFF-state)
-1 to +10
mA
ICOL
Current range on COL pins (COL in ON-state)
-10
mA
Current range on COL pins (COL in OFF-state)
-1 to +10
mA
VESD
Electrostatic discharge (R = 1.5 kΩ; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel not
simultaneously @Tamb = 125 °, IOUT = 0.5 A
3
J
PTOT
Power dissipation at TC = 25 °C
Internally limited
(1)
W
TJ
Junction operating temperature
Internally limited
°C
TSTG
Storage temperature
-55 to 150
°C
Notes:
(1)
Protection functions are intended to avoid IC damage in fault conditions and are not intended for continuous
operation. Continuous and repetitive operation of protection functions may reduce the IC lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com