Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 4Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 5Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 6Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 7Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 8Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 9Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Pin connection
VNI8200XP-32
8/43
DocID027849 Rev 3
3
Pin connection
Figure 2: Pin connection (top view)
Table 2: Pin description
Pin
Name
Type
Description
1
SEL2
Logic input
SPI/parallel selection mode
2
SEL1/IN1
Logic input
8/16-bit SPI selection mode/channel 1 input
3
WD_EN/ IN2
Logic/analog
input
Watchdog enable_setting/channel 2 input
4
OUT_EN /IN3
Logic input
Output enable/channel 3 input
5
WD/IN4
Logic input
Watchdog input. The internal watchdog counter is
cleared on the falling edges/channel 4 input
6
SDI/IN5
Logic input
Serial data input/channel 5 input
7
CLK/IN6
Logic input
Serial clock/channel 6 input
8
SS /IN7
Logic input
Slave select/channel 7 input
9
SDO/IN8
Logic
input/output
Serial data output/channel 8 input
10
VREG
Power supply
SPI/inputs/LED supply voltage
11
COL0
Open source
output
LED source output
12
COL1
Open source
output
LED source output
13
DCVDD
Analog output
Internally generated DC-DC low voltage supply (to
be connected to external 10 nF capacitor)
SEL2
1
SEL1/IN1
2
WD_EN/IN2
3
OUT_EN/IN3
4
WD/IN4
SDI/IN5
6
CLK/IN6
7
SS/IN7
8
9
VREG
10
COL0
11
COL1
12
DCVDD
13
VREF
14
ROW0
15
ROW1
16
ROW2
17
ROW3
18
PG
19
FAULT
20
TWARN
21
FB
23
GND
22
PHASE
24
BOOT
25
NC
26
OUT8
27
OUT7
28
OUT6
29
OUT5
30
OUT4
31
OUT3
32
OUT2
33
OUT1
34
NC
35
NC
36
SDO/IN8
TAB=Vcc
5
GIPG020420151249LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com