Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 28Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 29Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 30Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 31Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 32Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 33Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 34Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 35Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Thermal management
VNI8200XP-32
32/43
DocID027849 Rev 3
14
Thermal management
The power dissipation in the IC is the main factor that sets the safe operating condition of
the device in the application. Therefore, it must be taken into account very carefully.
Heatsinking can be achieved using copper on the PCB with proper area and thickness. The
following image shows the junction-to-ambient thermal impedance values for the
PowerSSO-36 package.
Figure 13: PowerSSO-36 thermal impedance vs. time
For instance, three cases have been considered using a PowerSSO-36 packaged with
copper slug soldered on a 1.6 mm thickness FR4 board with dissipating footprint (copper
thickness of 70 µm):
single layer PCB with just IC footprint dissipating area
double layer PCB with footprint dissipating area on the top side and a 2 cm
2
dissipating layer on the bottom side through 15 via holes
double layer PCB with footprint dissipating area on the top side and an 8 cm
2
dissipating layer on the bottom side through 15 via holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com