Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 26Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 27Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 28Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 29Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 30Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 31Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Step-down switching regulator
VNI8200XP-32
28/43
DocID027849 Rev 3
12
Step-down switching regulator
The IC embeds a high efficiency 100 mA micropower step-down switching regulator. The
regulator is protected against short-circuit or overload conditions. Pulse-by-pulse current
limit regulation is obtained in normal operation through a current loop control.
A low ESR output capacitor connected to the VREG pin helps to limit the regulated voltage
ripple; a low ESR (less than 10 mΩ) capacitor is preferable. The control loop pin FB allows
3.3 V to be regulated, connecting it directly to VREG, or 5 V connecting it through a voltage
divider Rl/Rfbl. The DC-DC converter can be turned off by connecting the feedback pin to
the DCVDD pin. In some applications it is possible to supply a 5 V or 3.3 V voltage
externally or, in the case of two or more VNI8200XP-32 inside the same board, it's possible
to configure the DC-DC converter on only one device and also supply the other ICs.
if the DC-DC converter is adjusted to provide 3.3 V regulation and the VDC_out is used to
power an external load and not the device, a 33 kΩ resistor has to be connected on V
DC_out
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com