Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNI8200XP-32 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNI8200XP-32
Description  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 10Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 11Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 12Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 13Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 14Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 15Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 16Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 17Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Electrical characteristics
VNI8200XP-32
14/43
DocID027849 Rev 3
5.4
Logic inputs
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 8: Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level
voltage
0.8
V
VIH
Input high level
voltage
2.20
V
VI(HYST)
Input hysteresis
voltage
0.15
V
IIN
Input current
VIN = 5 V
8
µA
5.5
Protection and diagnostic
10.5 V < VCC < 36 V; -40 °C < TJ < 125 °C; unless otherwise specified
Table 9: Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VPGH1
Power Good
diagnostic ON
threshold
16.5
17.5
18.4
V
VPGH2
Power Good
diagnostic OFF
threshold
15.2
16.5
17.4
VPGHYS
Power Good
diagnostic hysteresis
1
VUSD
Undervoltage ON
protection
9.5
10
V
Undervoltage OFF
protection
8.4
9
V
VUSDHYS
Undervoltage
hysteresis
0.4
0.5
V
Vdemag
Output voltage at
turn-OFF
IOUT = 0.5 A;
LLOAD ≥ 1 mH
VCC-52
VCC-50
VCC-45
V
VTWARN
TWARN
pin low-
state output voltage
ITWARN = 3 mA (active
condition)
0.6
V
VFAULT
FAULT
pin low-
state output voltage
IFAULT = 3 mA (fault
condition)
0.6
V
VPG
PG
pin low-state
output voltage
IPG = 3 mA (active
condition)
VREG = 3.3 V VCC = 0
0.7
V
IPEAK
Maximum DC output
current before
limitation
2.2
A
ILIM
Short-circuit current
limitation per channel
RLOAD = 0 VCC = 24 V
TJ = 25 °C
1.1
1.9
2.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com