Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet (PDF) - STMicroelectronics

ISO808A Datasheet PDF - STMicroelectronics
Part # ISO808A
Download  ISO808A Download
File Size   1723.6 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads

ISO808A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO808A Datasheet PDF - STMicroelectronics

Part # ISO808A
Download  ISO808A Click to download

File Size   1723.6 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads

ISO808A Datasheet (HTML) - STMicroelectronics


ISO808A Product details

Features
■ VCC(AMR) = 45 V
■ Wide process side op. range VCC = 9.2 to 36 V
■ RDS(on) = 0.125 Ω per channel (TYP)
■ Fast demagnetization of inductive loads VDEMAG(TYP) = VCC - 54 V
■ Per channel process side op. current – ISO808A IOUT < 0.7 A – ISO808A-1 IOUT < 1 A
■ Low process and logic sides supply current
■ Under-voltage shut down with auto restart and hysteresis
■ Logic side 5 V and 3.3 V TTL/CMOS and MCU compatible I/Os
■ Logic side SPI interface
■ Common output enable/disable pin
■ Reset function for IC outputs disable
■ High common mode transient immunity
■ Short circuit protection on output channels – ISO808A ILIM(MIN) = 0.7 A – ISO808A ILIM(MIN) = 1 A
■ Per-channel over-temperature protection with thermal independence of separate channels
■ Case over-temperature protection
■ Over-voltage protection (VCC clamping)
■ Loss of GND and VCC protections
■ Common fault open drain diagnostic
■ VCC Power Good open drain diagnostic
■ Designed to meet IEC 61000-4-2, IEC 61000- 4-4, IEC 61000-4-5 and IEC 61000-4-8
■ UL1577 and UL508 certified
■ PowerSO-36 Package

Applications
■ Programmable logic control
■ Industrial PC peripheral input/output
■ Numerical control machines
■ Drivers for all type of loads (resistive, capacitive, inductive) Product status link ISO808A ISO808A-1 Product label Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads ISO808A, ISO808A-1 Datasheet DS14170 - Rev 1 - December 2022 For further information contact your local STMicroelectronics sales office.




Similar Part No. - ISO808A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
ISO808-1 STMICROELECTRONICS-ISO808-1 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
logo
Burr-Brown (TI)
ISO808P BURR-BROWN-ISO808P Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
ISO808TR STMICROELECTRONICS-ISO808TR Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
More results


Similar Description - ISO808A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
Galvanic isolated octal high-side smart power solid state relay
19-Oct-2012
VNI8200XP STMICROELECTRONICS-VNI8200XP Datasheet
662Kb / 34P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
27-Jun-2012
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP STMICROELECTRONICS-VNI8200XP_13 Datasheet
1Mb / 37P
Octal high-side smart power solid state relay with serial/parallel selectable interface on chip
08-Mar-2013
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
Galvanic Isolated Latching 60V Solid State Relay
logo
STMicroelectronics
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com