Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 5 Page - STMicroelectronics

  ISO808A Datasheet HTML 1Page - STMicroelectronics ISO808A Datasheet HTML 2Page - STMicroelectronics ISO808A Datasheet HTML 3Page - STMicroelectronics ISO808A Datasheet HTML 4Page - STMicroelectronics ISO808A Datasheet HTML 5Page - STMicroelectronics ISO808A Datasheet HTML 6Page - STMicroelectronics ISO808A Datasheet HTML 7Page - STMicroelectronics ISO808A Datasheet HTML 8Page - STMicroelectronics ISO808A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Table 1. Pin description
Pin
Name
Description
1
N.C.
Not connected
2
VDD
Positive Control Logic Stage supply
3
OUT_EN
Output enable
4
SS
Chip select
5
CLK
Serial Clock Digital Input
6
SDI
SPI device Input (MOSI)
7
PGOOD
Power Good diagnostic pin - active low
8
NC
Not connected
9
NC
Not connected
10
NC
Not connected
11
NC
Not connected
12
NC
Not connected
13
SDO
SPI device Output (MOSI)
14
FAULT
Common fault (OVT and Communication Error) diagnostic pin - active low
15
GNDDD
Input logic ground, negative logic supply
16
NC
Not connected
17
NC
Not connected
18
NC
Not connected
19
GNDCC
Output power ground
20
NC
Not connected
21
OUT8
Channel 8 power output
22
23
OUT7
Channel 7 power output
24
25
OUT6
Channel 6 power output
26
27
OUT5
Channel 5 power output
28
29
OUT4
Channel 4 power output
30
31
OUT3
Channel 3 power output
32
33
OUT2
Channel 2 power output
34
35
OUT1
Channel 1 power output
36
TAB
VCC
Exposed tab internally connected to VCC positive Process Stage supply voltage
ISO808A, ISO808A-1
Pin
connection
DS14170 - Rev 1
page 5/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com