Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 10Page - STMicroelectronics ISO808A Datasheet HTML 11Page - STMicroelectronics ISO808A Datasheet HTML 12Page - STMicroelectronics ISO808A Datasheet HTML 13Page - STMicroelectronics ISO808A Datasheet HTML 14Page - STMicroelectronics ISO808A Datasheet HTML 15Page - STMicroelectronics ISO808A Datasheet HTML 16Page - STMicroelectronics ISO808A Datasheet HTML 17Page - STMicroelectronics ISO808A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
6
Functional description
6.1
Serial interface
An integrated SPI peripheral provides a fast communication interface between an external micro-controller and
the IC purposing to drive ON/OFF the Power Stage outputs. Daisy chaining is allowed.
It follows the timing requirement established by the synchronous serial communication standard and works up to
20 MHz communication speed.
The communication implemented expects 8-bit data communication; the frame sent by the micro-controller only
contains the status of the channels (ON or OFF), while the frame received by the micro-controller is all "0" if no
fault event is triggered or all "1" if at least one fault has been triggered on the output stage.
Table 14. SDI frame
MSB
LSB
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
Table 15. SDO frame
MSB
LSB
0
0
0
0
0
0
0
0
6.2
Serial data in (SDI)
This pin is the IC input of the serial command frame (MOSI). SDI is reading on CLK rising edges and , thus, the
micro-controller must change SDI state during the CLK falling edges.
The bits sent through the SDI line are shifted in the internal Output Status Register. In daisy chaining
communication, the micro-controller keeps the SS low after the 8th bit to allow the shift of the Output Status
Register to the SDO line. The bits in the Output Status Register are frozen by the internal logic when the SS goes
high.
6.3
Serial data out (SDO)
This pin is the IC output of the serial fault frame (MISO). The information on SDO is updated on CLK falling
edges, whereas the micro-controller reads the SDO frame on CLK rising edges, as established by standard. At
communication start-up, when the SS falling edge is coming, only the first bit of the frame is just available.
SDO pin is tri-stated when the SS signal is high.
In daisy chaining communication the SDO line will transfer the content of the internal Output Status Register after
the 8th CLK pulse.
6.4
Serial data clock (CLK)
The CLK line is the IC input clock for serial data sampling. SDO is updated on CLK falling edges, and then
sampled on the rising edge. The SDI line is sampled on SCK rising edges.
When the SS signal is high (slave not selected), the micro-controller should drive the CLK low (settings for MCU
SPI port are CPHA = 0 and CPOL = 0).
6.5
Slave select (SS)
The slave select SS signal is used to enable the serial communication shift register. Data is flushed in through
the SDI pin and out from the SDO pin only when the SS pin is low. On the SS pin falling edge, the Fault Register
(containing IC fault conditions) is frozen, so any changing on the channel status will be latched until the next SS
falling edge event, the SDO is enabled and the internal refresh is disabled too. On the SS pin rising edge event,
the 8 bits in the Output Status Register are frozen and the outputs of the Process Stage are driven accordingly.
If more than 8 bits are flushed into the IC, only the last 8 are evaluated, the other ones are flushed out from the
SDO pin after fault condition bits. In this way a proper communication is granted in a daisy chain configuration.
ISO808A, ISO808A-1
Functional description
DS14170 - Rev 1
page 14/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com