Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 23 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 19Page - STMicroelectronics ISO808A Datasheet HTML 20Page - STMicroelectronics ISO808A Datasheet HTML 21Page - STMicroelectronics ISO808A Datasheet HTML 22Page - STMicroelectronics ISO808A Datasheet HTML 23Page - STMicroelectronics ISO808A Datasheet HTML 24Page - STMicroelectronics ISO808A Datasheet HTML 25Page - STMicroelectronics ISO808A Datasheet HTML 26Page - STMicroelectronics ISO808A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8
Reverse polarity protection
Reverse polarity protection can be implemented on board using two different solutions (or both, which is
recommended):
1.
Placing a resistor (RGND) between IC GND pin and load GND
2.
Placing a diode in parallel to a resistor between IC GND pin and load GND
If option 1 is selected, the minimum resistance value must be selected according to the following equation:
RGND≥ VCCIGNDCC
(1)
where
IGNDCCistheDCreversegroundpincurrentandcanbefoundinTable2.
The power dissipated by RGND during reverse polarity is:
PD= VCC2
RGND
(2)
If option 2 is selected, the diode has to be chosen by taking into account VRRM > |VCC| and its power dissipation
capability:
PD≥IS×VF
(3)
Note:
In normal operation (no reverse polarity), there is a voltage drop (ΔV) between GND of the device and GND of
the system. Using option 1, ΔV = Rgnd * Icc. Using option 2, ΔV = VF@(IF).
Figure 23. Reverse polarity protection
Note:
Input(i) is intended as any input pin on logic side.
This schematic can be used with any type of load.
ISO808A, ISO808A-1
Reverse
polarity protection
DS14170 - Rev 1
page 23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com