Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 9Page - STMicroelectronics ISO808A Datasheet HTML 10Page - STMicroelectronics ISO808A Datasheet HTML 11Page - STMicroelectronics ISO808A Datasheet HTML 12Page - STMicroelectronics ISO808A Datasheet HTML 13Page - STMicroelectronics ISO808A Datasheet HTML 14Page - STMicroelectronics ISO808A Datasheet HTML 15Page - STMicroelectronics ISO808A Datasheet HTML 16Page - STMicroelectronics ISO808A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Table 12. Insulation characteristics
Symbol
Parameter
Test condition
Value
Unit
PowerSO36 TFQFPN32
In accordance with IEC 60747-17
VPR
Input-to-output test voltage
Method a, type test,
tm = 10 s
partial discharge < 5 pC
1500
1500
VPEAK
Method b, 100% production test,
tm = 1 s
partial discharge < 5 pC
1758
1758
VPEAK
VIOTM
Transient over-voltage
Type test; tini = 60 s
3537
4245
VPEAK
VIOSM
Maximum surge insulation voltage
Type test
3537
4245
VPEAK
RIO
Insulation resistance
Type test
VIO = 500 V, TSTG = 60 s
>109
>109
Ω
UL1577
VISO
Insulation withstand voltage
1 min. type test
2000/2830
2500/3536
VRMS/VPEAK
VISO test Insulation withstand test
1 s 100% production
2500/3537
3000/4245
VRMS/VPEAK
Common Mode Transient Immunity
dVISO/dt CMTI
Type test at VCM = 500 V
±25
±25
V/ns
Table 13. Safety limits
Symbol
Parameter
Test conditions
Value Unit
Input safety, Logic side
TSI
Safety temperature of Logic side
-
150
°C
PSI
Safety power of Logic side(1)
VDD ≤ 6.0 V, VLOGIC(x) ≤ 6.0 V, ILOGIC(x) ≤ 10 mA, TJ ≤ TSI
0.9
W
Output safety, Process side
TSO
Safety temperature of Process side
-
150
°C
PSO
Safety power of Process side(1)
VCC ≤ 36 V, IOUT(x) ≤ 1.5 A, TJ ≤ TSO
5
W
1. Respecting the above limits prevents potential damage to the isolation barrier upon failure on logic or process side circuitry.
The user should apply these values to protect the IC and ensure the safety of the embedded isolation barrier. LOGIC(x)
stands for any pin on the logic side; OUT(x) stands for any of the 8 output pins on the process side.
ISO808A, ISO808A-1
Electrical characteristics
DS14170 - Rev 1
page 13/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com