Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 17 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 13Page - STMicroelectronics ISO808A Datasheet HTML 14Page - STMicroelectronics ISO808A Datasheet HTML 15Page - STMicroelectronics ISO808A Datasheet HTML 16Page - STMicroelectronics ISO808A Datasheet HTML 17Page - STMicroelectronics ISO808A Datasheet HTML 18Page - STMicroelectronics ISO808A Datasheet HTML 19Page - STMicroelectronics ISO808A Datasheet HTML 20Page - STMicroelectronics ISO808A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
6.5.2
Output enable (OUT_EN)
This pin provides a fast way to disable all the outputs simultaneously. When the OUT_EN pin is driven low for at
least tW(OUT_EN), all eight outputs are disabled. This timing execution is compatible with an external reset push
from the operator, safety requirements, and permits, in a PLC system, a micro-controller polling for obtain all
internal information during a reset procedure.
Note that the OUT_EN signal acts as a reset for the internal data register driving the output switches: when the
OUT_EN is low, SDO is pulled down and the output stage is forced OFF. To re-enable SDO, it is necessary to
raise the OUT_EN pin; to enable the output stage again, it is then necessary to raise the OUT_EN pin and send
the desired output configuration by an SPI command.
Figure 10. OUT_EN without effect on output
Figure 11. OUT_EN effective on output channel
6.6
FAULT and PGOOD indications
The FAULT pin is an active low open drain output indicating fault conditions. This pin is activated when at least
one of the following conditions occurs:
•
Junction over-temperature (TJX >TJSD) of one or more channels of the Process Stage.
•
No module-8 SPI communication (the number of bits sent through the SDI is not a multiple of 8)
•
Internal communication error. In fact, the IC is able to identify (and report to the micro-controller) if any
errors occur in the data transmission between isolation. When it occurs, the output stage maintains the
previous ON/OFF status.
The PGOOD pin is an active low open drain output indicating if the supply voltage of the Process Stage chip is
lower than the internal threshold (see Figure 12).
Note:
When SS signal is low the transmission between Control Logic Stage and Process Stage is inhibited and the
status of PGOOD is not refreshed (PGOOD refresh time < 120 µs).
ISO808A, ISO808A-1
FAULT
and PGOOD indications
DS14170 - Rev 1
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com