Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO808A Datasheet(PDF) 11 Page - STMicroelectronics

Part # ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 7Page - STMicroelectronics ISO808A Datasheet HTML 8Page - STMicroelectronics ISO808A Datasheet HTML 9Page - STMicroelectronics ISO808A Datasheet HTML 10Page - STMicroelectronics ISO808A Datasheet HTML 11Page - STMicroelectronics ISO808A Datasheet HTML 12Page - STMicroelectronics ISO808A Datasheet HTML 13Page - STMicroelectronics ISO808A Datasheet HTML 14Page - STMicroelectronics ISO808A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Figure 5. td(ON)-td(OFF) definition
Table 8. Logic inputs and output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
SS, CLK, SDI and OUT_EN low level voltage
-0.3
0.3 x VDD
V
VIH
SS, CLK, SDI and OUT_EN high level voltage
0.7 x VDD
VDD
+0.3
V
VI(HYST) SS, CLK, SDI and OUT_EN hysteresis
VDD = 5 V
100
mV
IIN
SS, CLK, SDI and OUT_EN current
VIN = 5 V
10
55
90
μA
VSDOH
SDO high level voltage
ISDO = -1 mA
VDD-0.2
V
VSDOL
SDO low level voltage
ISDO = +2 mA
0.2
V
ISO808A, ISO808A-1
Electrical characteristics
DS14170 - Rev 1
page 11/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com