Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-1012VC Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FWA-1012VC
Description  Universal Network Appliance with Intel짰 Atom??Processor C3000 for Processor C3000 for
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1012VC Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-1012VC Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1012VC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
250±0.35
479.20±0.80
465.20±0.80
Rear Panel External I/O Mechanical Layout/Drawing
FWA-1012VC
Dimensions
Rackmount
Unit: mm
Power Switch
Console RJ45 + 2 x USB3.0
Software-defined LED
System screw-lock DC Jack
2 x SIM socket
6 x RJ45
2 x SFP
Power Jack for PoE
Software-defined button
Front Panel External I/O Mechanical Layout/Drawing
Power
Software-defined
Software-defined
3G/4G Antenna
HDD
WiFi antenna
WiFi
3G/4G or WiFi
Ordering Information
Part no.
CPU
DDR4
GbE
RJ45
SFP
USB
3.0
Console
RJ45
2.5" HDD
Bracker
M.2 3042/
2260/2280 B-Key
M.2 3042
B-key
Full Size
Mini-PCIe
WiFi
Module
LTE
module
POE
board
Power
adaptor
FWA-1012VC-2CA1S
C3338 2core
1
4
NA
2
1
NA
1
1
1
NA
NA
NA
36W
FWA-1012VC-4CA1S
C3558 4core
2
4
2
2
1
NA
1
1
1
NA
NA
NA
60W
FWA-1012VCR-4CA1S
C3558 4core
2
4
2
2
1
NA
1
1
1
1
1
NA
60W
FWA-1012VC-8CA1S
C3758 8core
2
6
2
2
1
1
1
1
1
NA
NA
NA
60W
FWA-1012VCR-8CA1S
C3758 8core
2
6
2
2
1
NA
1
1
1
1
1
NA
60W
FWA-1012VCP-8CA1S
C3758 8core
2
6
2
2
1
NA
1
1
1
NA
NA
1
60W
Optional Accessories
Part Number Description
Description
Supporting SKU
1700018950
Console cable
For all SKUs
98923260I0E
TPM1.2 Module
For all SKUs
98923260J0E
TPM2.0 Module
For all SKUs
FWA-1012VC-WLAN
WiFi module kit (Senao PCE4302AN/
Antenna/SMA cable/Screw)
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S
FWA-1012VC-WWAN
LTE module kit (Serria EM7455/
Antenna/SMA cable/Screw)
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S
FWA-1012VC-RMK
Rack mount kit (60W)
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
FWA-1012VC-RMK1
Rack mount kit w/ POE cover
For FWA-1012VCP-8CA1S
FWA-1012VC-RMK2
Rack mount kit (36W)
For FWA-1012VC-2CA1S
FWA-1012VC-POE
PoE module kit (with 54V adapter)
For FWA-1012VC-2CA1S / FWA-1012VC-4CA1S / FWA-1012VC-8CA1S /
FWA-1012VCR-4CA1S / FWA-1012VCR-8CA1S
FWA-1012VC-HDD
2.5" HDD kit
For FWA-1012VC-2CA1S / FWA-1012VC-4CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1702002600
Power cord 3P 180 cm, USA
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1702002605
Power cord 3P 180 cm, Europe
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1702031801
Power cord 3P 180 cm, UK
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1700000237
Power cord 3P 180 cm, JP
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
Part Number Description
Description
Supporting SKU
1700009652
Power cord 3P 180 cm, China
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1700025855-01
Power cord 3P 180 cm, India
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1700025112-01
Power cord 3P 180 cm, Brazil
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1700022938-01
Power cord 3P 300 cm, Korea
For FWA-1012VC-4CA1S / FWA-1012VC-8CA1S / FWA-1012VCR-4CA1S /
FWA-1012VCR-8CA1S
1700001524
Power cord 3P 180 cm, USA
For FWA-1012VC-2CA1S
1700018744
Power cord 3P 180 cm, Europe
For FWA-1012VC-2CA1S
1700025803-01
Power cord 3P 180 cm, UK
For FWA-1012VC-2CA1S
1700008921
Power cord 3P 180 cm, JP
For FWA-1012VC-2CA1S
1700025113-01
Power cord 3P 180 cm, China
For FWA-1012VC-2CA1S
1700022814-01
Power cord 3P 180 cm, Brazil
For FWA-1012VC-2CA1S
1700018409
Power cord 3P 300 cm, Korea
For FWA-1012VC-2CA1S
Packing List
Part Number
Description
96PSA-A60W12W6
ADP A/D 100-240V 60W 12V C14 LOCKABLE DC PLUG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com