Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-1012VC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-1012VC
Description  Universal Network Appliance with Intel짰 Atom??Processor C3000 for Processor C3000 for
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-1012VC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-1012VC Datasheet HTML 1Page - Advantech Co., Ltd. FWA-1012VC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Network Appliances
Features
ƒ Intel® Atom® C3000 System On Chip with Intel® QuickAssist Technology at
10Gbps and Intel® AES-NI and VT-d Support
ƒ Supports SR-IOV on all ports by Intel SOC integrated MAC and Intel i350
Ethernet Controller
ƒ Optional 3G, 4G LTE and WiFi connectivity for deployment flexibility
ƒ Optional IEEE 802.at/af compliant PoE kit to be PSE to support up to two
25.5W PD
FWA-1012VC
Universal Network Appliance with
Intel® Atom™ Processor C3000 for
vE-CPE and SD-WAN
Specifications
Form Factor
Tabletop
Processor System
Processor
Intel® Atom™ Processor C3338
Intel® Atom™ Processor C3558
Intel® Atom™ Processor C3758
Core Number
2
4
8
Frequency
2.2GHz
2.2GHz
2.2GHz
L2 Cache
2MB/Core Pair
2MB/Core
2MB/Core Pair
BIOS
AMI EFI 64Mbit
Virtualization
VT-x, VT-d
Memory
Technology
DDR4 1866MHz
DDR4 2133MHz
DDR4 2400MHz
Max. Capacity
32GB
64GB
Socket
1 x 288-pin DIMM
2 x 288-pin DIMM
ECC Support
ECC or Non-ECC
Networking
Controller
1 x Marvell 88E1543
1 x Intel i350-AM2
1 x Marvell 88E1543
1 x Intel i350-AM4
1 x Marvell 88E1543
1GbE
4 x 10/100/1000BASE-T RJ45 port via
Intel® SoC Integrated MAC and Marvell
88E1543PHY
2 x SFP via Intel i350-AM2
4 x 10/100/1000BASE-T RJ45 port via
Intel® SoC Integrated MAC and Marvell
88E1543PHY
2 x SFP and 2x 10/100/1000BASE-T
RJ45 via Intel i350-AM4
4 x 1GbE RJ45 via Intel® SoC Integrated
MAC and Marvell 88E1543PHY
Expansion
Mini PCIe
1 x Full-size Mini PCIe for WiFi module with 2 x antenna holes
1 x Half-size Mini PCIe for WiFi module with 2 x antenna holes (by project support)
SIM socket
2 x Mini SIM
M.2
1 x M.2 3042 B-key support USB, SATAIII or PCIex1 with 2 x SIM holders for 3G/4G module with 2 x antenna holes
1 x M.2 3042/2260/2280 B-key support USB, SATAIII or PCIex1
*each M.2 with 1 SIM holder by project support
Storage
2.5" HDD/SSD
Optional 2.5" SATAIII SSD bracket
(Max 9.5mm height)
1 x 2.5" SATAIII HDD/SSD bracket
(Max 9.5mm height)
I/O
Console port
1
USB3.0
2 x USB3.0 Type A host port
LED Indicator
Power, HDD, LTE, WiFi, SW defined status
Others
1 x Power Switch
1 x Software definable button with LED indicator
TPM
Optional 1.2/2.0 support by TPM module
Power
Power Type
External adaptor
Watts
36W
60W
Input
100 V ~ 240 V
Connector
DC Jack
Power Adaptor
12V 5A
Environment
Operating Temperature
(air flow 0.7 m/sec)
0 ~ 40 °C (32 ~ 104 °F)
Non-operating Temperature
-20 ~ 80 °C (-4 ~ 167 °F) and 40 °C @ 95% RH Non-Condensing
Cooling
1 x system fan with smart fan
2 x system fans with smart fan
Mechanical
Construction
Iron
Mounting
Support rack -mounting option
Dimensions (W x H x D)
250 x 44 x 193.04 mm (9.8" x 1.7" x 7.5")
Weight
2.3 Kg (4.8lb)
2.4 Kg (5.0lb)
OS support
Linux (CentOS, Red Hat, Ubuntu)
Advantech S/W Packages
QuickStart Linux Image
(CentOS based reference BSP)
afru, lmsensors, flashrom, WiFi drivers, QMI Wireless, Intel® DPDK, Intel® QAT, DUI (Offline Diagnostics)
Individual Package
DUI (Offline Diagnostics)
Certification
CE/FCC Class B, CCC CB, UL, FCC ID, CE-RED
Note1: Other processor can be supported by request
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice.
Last updated: 8-Apr-2019


Similar Part No. - FWA-1012VC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-1010VC ADVANTECH-FWA-1010VC Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
FWA-1010VC-4CA2S ADVANTECH-FWA-1010VC-4CA2S Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
FWA-1010VC-8CA2S ADVANTECH-FWA-1010VC-8CA2S Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
FWA-1010VC-RMT ADVANTECH-FWA-1010VC-RMT Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
FWA-1010VC-WLAN ADVANTECH-FWA-1010VC-WLAN Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
More results

Similar Description - FWA-1012VC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA362 AXIOMTEK-NA362 Datasheet
300Kb / 1P
Compact Network Appliance Platform with Intel짰 Atom짰 Processor C3000 Family
logo
Lanner All Rights Reser...
NCA-2510 LANNER-NCA-2510 Datasheet
939Kb / 2P
1U 19??Rackmount Network Appliance with Intel짰 Atom??C3000 Processors (Codenamed Denverton)
NCA-1510 LANNER-NCA-1510 Datasheet
682Kb / 2P
Desktop Network Appliance Powered by Intel짰 Atom짰 C3000 (Denverton) CPU
NCA-2512 LANNER-NCA-2512 Datasheet
711Kb / 2P
1U 19??Rackmount Network Appliance with Intel짰 Atom??C3000 8~16 Cores Processors (Codenamed Denverton)
NCA-2513 LANNER-NCA-2513 Datasheet
626Kb / 2P
1U 19??Rackmount Network Appliance Built with Intel짰 Atom??C3000 Processors (Codenamed Denverton-R)
logo
Advantech Co., Ltd.
SOM-5962 ADVANTECH-SOM-5962 Datasheet
997Kb / 2P
Intel짰 Atom??C3000 Processor COM Express R3.0 Type 7 Module
13-May-2020
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
FWA-2112 ADVANTECH-FWA-2112 Datasheet
740Kb / 3P
1U Network Appliance with Intel Atom® C3000 Processor for SD-WAN, uCPE and Network Applications Processor
21-Dec-2021
logo
AAEON Technology
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 Series
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com