Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOLNETLX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRCOOLNETLX
Description  LX Platform SNMP/Web Interface Module - Remote Cooling Management for SRCOOL12K Models
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOLNETLX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRCOOLNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOLNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOLNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Micro-USB to USB-A cable, 12
ft.
q
External power supply,
100–240V AC, w/6 ft. cable
q
NEMA 5-15P and CEE 7/7
Schuko input plugs
q
(3) Velcro strips
q
(4) Rubber feet
q
MAC address label
q
PowerAlert CD
q
Owner’s manuals
q
OVERVIEW
UPC Code
037332231222
INPUT
Nominal Input Voltage Description
100-240 VAC ; 50/60Hz
Plug Type
AC/DC ADAPTER WITH NEMA 1-15P PLUG, CEE7 PLUG AND A 6 FOOT OUTPUT CABLE
USER INTERFACE, ALERTS & CONTROLS
Switches
Reset button allows the reboot of the network interface without interrupting AC power
LED Indicators
Link LED to confirm network connection/activity. Network speed LED to indicate either 10 Mbps or 100 Mbps
speeds; Status LED to indicate when the card is initialized
PHYSICAL
Color
Black
Material of Construction
Sheet Metal
Shipping Dimensions (hwd / in.)
3.50 x 7.20 x 6.30
Shipping Weight (kg)
0.91
Unit Dimensions (hwd / cm)
9.4 x 19.5 x 16
Unit Dimensions (hwd / in.)
3.18 x 7.6 x 14.7
Unit Weight (kg)
0.32
Unit Weight (lbs.)
0.71
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com