Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOLNETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCOOLNETLX
Description  LX Platform SNMP/Web Interface Module - Remote Cooling Management for SRCOOL12K Models
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOLNETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCOOLNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOLNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOLNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LX Platform SNMP/Web Interface Module -
Remote Cooling Management for SRCOOL12K
Models
MODEL NUMBER: SRCOOLNETLX
Turns select Tripp Lite portable cooling units into network-manageable devices that can be accessed and
controlled remotely 24/7.
Features
Round-the-Clock Access and Control of Cooling Units Prevents Costly On-Site VisitsThe
SRCOOLNETLX web interface module connects to select Tripp Lite portable cooling units and lets you
monitor temperatures, receive alerts and control settings from remote locations. Compatible with the
SRCOOL12K, SRXCOOL12K and SRXCOOL12KB portable air conditioning units, the SRCOOLNETLX is
easy to install, simple to operate, and ideal for back offices, computer rooms, small server rooms and
wiring closets. The included 100–240V 50/60 Hz AC power adapter includes NEMA 1-15R and CEE 7/7
Schuko snap-in plug adapters.
The Perfect Solution for Off-Hour or Unattended Cooling ApplicationsThe Java-free HTML5-based
SRCOOLNETLX enables full remote access for status monitoring, event notifications, and device
management via secure web browser, SNMP, SSH, Telnet or command line interfaces. The built-in LX
Platform’s PowerAlert® Device Manager (PADM) provides a single interface to cycle the connected air
conditioner on and off, adjust its fan speed, change its target set point temperature, and switch to
dehumidification mode, so excessive heat won’t compromise the performance and reliability of your
network equipment. The SRCOOLNETLX combines with the air conditioner to deliver a reliable cooling
solution that does not require on-site management.
Includes the E2MT E2 Environmental Sensor ModuleThe SRCOOLNETLX comes with an E2MT
module, which can be placed directly inside your rack. You don’t need to be on the premises to check the
temperature near your rack equipment or make any necessary adjustments. The E2MT module allows
you to measure and monitor ambient temperature in your data center environment or control the cooling
operation by selecting a target temperature value to ensure that specific network equipment remains cool
during operation. The E2MT connects to the SRCOOLNETLX using the included 12-foot USB cable.
Easy to Set Up and ManageThe SRCOOLNETLX installs securely to the air conditioner unit’s remote
monitoring port using the included cable. A user-supplied Ethernet patch cable connects the
SRCOOLNETLX’s RJ45 port to an Ethernet network. The built-in PowerAlert Device Manager interface
provides a single display for managing both the cooling unit and the E2MT module. You can update the
firmware straight from the web interface.
TAA-Compliant for GSA Schedule PurchasesThe SRCOOLNETLX is compliant with the Federal Trade
Agreements Act (TAA), which makes it eligible for GSA (General Services Administration) Schedule and
other federal procurement contracts.
Highlights
Recommended for 24-hour off-
site access and control of Tripp
Lite air conditioning units
q
LX Platform network interface
provides 24/7 access and
control from anywhere
q
Included E2MT module allows
remote monitoring of ambient
temperature conditions
q
Easy to keep up to date with
easily downloadable firmware
q
Complies with Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
q
Applications
Enable remote monitoring and
management of cooling in a
back office, computer room,
small server room or wiring
closet
q
Receive alerts, review activity
logs and control cooling settings
remotely
q
Monitor temperature in your
data center or for specific
network equipment
q
System Requirements
Tripp Lite SRCOOL12K,
SRXCOOL12K or
SRXCOOL12KB portable air
conditioning unit
q
Package Includes
SRCOOLNETLX SNMP/web
interface module
q
E2MT EnviroSense2
environmental sensor module
q
1 / 3


Similar Part No. - SRCOOLNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOLNET TRIPPLITE-SRCOOLNET Datasheet
501Kb / 2P
SNMP Webcard Interface Module - Remote Cooling
SRCOOLNET2LX TRIPPLITE-SRCOOLNET2LX Datasheet
171Kb / 2P
LX Platform SNMP/Web Interface Module - Remote Cooling Management for Select Models
More results

Similar Description - SRCOOLNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOLNET TRIPPLITE-SRCOOLNET Datasheet
501Kb / 2P
SNMP Webcard Interface Module - Remote Cooling
logo
PHOENIX CONTACT
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
Web-based management, SNMP
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
logo
Tripp Lite. All Rights ...
SRCOOLNET2LX TRIPPLITE-SRCOOLNET2LX Datasheet
171Kb / 2P
LX Platform SNMP/Web Interface Module - Remote Cooling Management for Select Models
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com