Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211133 Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # 211133
Description  Power Supply AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

211133 Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  211133 Datasheet HTML 1Page - RRC power solutions Ltd. 211133 Datasheet HTML 2Page - RRC power solutions Ltd. 211133 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
PS65
DS_PS65_H
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 3
Specification
Input
Voltage
100.00 – 240.00VAC ±10%, 50-60Hz
Current
1.70A max.
Standby power
< 0.21W @ no load
Output
Voltage
19.00VDC ± 5%; Ripple < 300mVpk-pk
Power
65.00W max.
Current
3.42A max.
Protection
Short circuit, over-voltage, over-current, over-temperature
Environmental
Operation:
Storage:
Ambient temperature
0°C to 40°C
-30°C to 80°C
Pressure & Altitude
1060hPa to 533hPa
1060hPa to 533hPa
-382m to 5000m
-382m to 5000m
Humidity (non-condensing )
8% to 90% r.H.
5% to 95% r.H.
Mechanical Details
Housing dimensions (LxWxH)
95 x 50 x 25.4mm, without cables and connectors
Output cable length
1600mm ±50mm
Weight
270g, without input cable
AC input socket
IEC 320 C6 Type
Standard output connector
DC barrel jack, 5.5 x 2.5 x 11mm
General
Efficiency
California's Energy Efficiency Level VI
Cooling
Convection cooled
Green procurement
RoHS 2011/65/EU + 2015/863/EU
REACH 1907/2006
WEEE 2012/19/EU
Chinese RoHS
MTBF
100,000h at 25°C ambient
Safety & EMC
Regulatory approvals
Europe
EN62368-1 (CE)
International
USA & Canada
Australia & New Zealand
Russia & Eurasian Customs Union
Korea
China
Japan
India
Taiwan
Mexico
Singapore
Argentina
South Africa
Morocco
United Kingdom
IEC62368-1 (CB)
FCC, cULus
RCM
EAC
KC
CCC
PSE
BIS
BSMI
NOM
Safety Mark
IRAM
SABS
CMIM
UKCA
Electromagnetic Emissions
Europe
EN55032, EN55024
USA
FCC15 class B
Electromagnetic Immunity
ESD immunity
EN/IEC61000-4-2
Electromagnetic field immunity
EN/IEC61000-4-3
EFT / Burst
EN/IEC61000-4-4
Surge
EN/IEC61000-4-5
Conducted Immunity
EN/IEC61000-4-6
Magnetic Fields
EN/IEC61000-4-8
Voltage dips
EN/IEC61000-4-11
Energy Efficiency
DOE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com