Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211133 Datasheet(PDF) 1 Page - RRC power solutions Ltd.

Part # 211133
Description  Power Supply AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

211133 Datasheet(HTML) 1 Page - RRC power solutions Ltd.

  211133 Datasheet HTML 1Page - RRC power solutions Ltd. 211133 Datasheet HTML 2Page - RRC power solutions Ltd. 211133 Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
PS65
DS_PS65_H
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
1 / 3
PS65
Power Supply AC/DC
P/N: 210919
Features:
65.00W standard AC/DC power supply for worldwide use
Simple operation
Country specific AC input cables available
Applications:
Suitable for use with notebooks, hand held data capture POS, test and measurement and other industrial
applications.


Similar Part No. - 211133

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
211133 RRC-211133 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
211133 RRC-211133 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
211133 RRC-211133 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
211133 RRC-211133 Datasheet
400Kb / 4P
Standard Battery Pack Li-Ion
211133 RRC-211133 Datasheet
420Kb / 4P
Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh
More results

Similar Description - 211133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com