Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-STSCADA Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WA-STSCADA
Description  12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-STSCADA Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WA-STSCADA Datasheet HTML 1Page - Advantech Co., Ltd. WA-STSCADA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WA-ST SCADA Series
Configuration Options
Ordering Information
ƒ
WA-ST2140W-G15H4AE
TPC-2140WP-T3AE, SCADA Runtime 1500
tags, 1TB HDD, WES7P
ƒ
WA-ST1751T-E15H4AE
TPC-1751T-E3AE, SCADA Runtime 1500 tags,
1TB HDD, WES7P
ƒ
WA-ST1551T-E15H4AE
TPC-1551T-E3AE, SCADA Runtime 1500 tags,
1TB HDD, WES7P
ƒ
WA-ST1251T-E15H4AE
TPC-1251T-E3AE, SCADA Runtime 1500 tags,
1TB HDD, WES7P
Series
SCADA Panel PC
Ordering P/N
WA-ST1251T-E15H4AE
WA-ST1551T-E15H4AE
WA-ST1751T-E15H4AE
WA-ST2140W-G15H4AE
SCADA Panel PC
TPC-1251T-E3AE
TPC-1551T-E3AE
TPC-1751T-E3AE
TPC-2140WP-T3AE
Operating System
Microsoft Windows Embedded 7 Pro (64bit)
SCADA Software
WebAccess/SCADA Professional 1500 tags
CPU
Intel Atom E3827 1.75GHz
AMD G-series T56E 1.65GHz
Memory
4GB DDR3L
Aspect ratio
4 : 3
16 : 9
Display (Size, Type)
12.1" XGA TFT LED LCD
15" XGA TFT LED LCD
17" SXGA TFT LED LCD
21.5" Full HD TFT LED LCD
Max. Resolution / Colors
1024 x 768 / 16.2 M
1024 x 768 / 16.7M
1280 x 1024 / 16.7M
1920 x 1080 / 16.7M
Backlight MTBF(hrs)
50,000 hrs
Touchscreen
5-wire Resistive
Projected capacitive
Storage
1TB HDD
Expansion Slots
Full-size Mini PCIe x1
Mounting
Desktop, Wall or Panel mount
Panel mount
Network(LAN)
10/100/1000 Base-T x 2
I/O
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 1
RS-232/422/485 x1
USB 3.0 x 1
USB 2.0 x 1
RS-232 x 3
RS-422/485 x1
USB 2.0 x 2
HDMI x 1
Mic in x 1, Line out x1
iDoor Expansion
iDoor x1
N/A
DC Power Input (Voltage)
24VDC ± 20%
18 ~ 32 VDC
Power Consumption
45.6W
40.8W
43.2W
35 W
Ingress Protection
Front Panel IP66
Operating Temperature
-20 ~ 60
°C
0 ~ 55
°C
Certification
CE, FCC, BSMI, CCC, UL
Accessories
ƒ
PWR-247-CE
100-240V 60W 24V 2.5A Power Supply
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
Selected iDoor Modules
ƒ
PCM-24D2R2-AE
OXPCIe-952 UART, Isolated RS-232, DB9 x 2
ƒ
PCM-24D2R4-AE
OXPCIe-952 UART, Isolated RS-422/485, DB9 x 2
ƒ
PCM-24D4R2-AE
OXPCIe-954 UART, Non-Isolated RS-232, DB37 x 1
ƒ
PCM-24D4R4-AE
OXPCIe-954 UART, Non-Isolated RS-422/485, DB37
x 1
ƒ
PCM-27D24DI-AE
Isolated Digital I/O, 16DI/8DO, mPCIe, DB37 x 1
ƒ
PCM-27J3AU-AE
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
ƒ
PCM-24S2WF-AE
802.11 a/b/g/n 2T2R w/ Bluetooth4.0, Half-size mPCIe
ƒ
PCM-24R1TP-AE
Intel® 82574L, GbE, RJ45 x 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com