Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WA-STSCADA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WA-STSCADA
Description  12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WA-STSCADA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WA-STSCADA Datasheet HTML 1Page - Advantech Co., Ltd. WA-STSCADA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Open HMI & Control Solutions
WA-ST SCADA Series
Open SCADA Solutions Specifications
Real-time Factory Monitoring by Mobile Devices
ƒ HTML5-based dashboard displays real-time information on IE 11, Safari, Chrome
and Firefox across Android, iOS and Windows mobile devices
ƒ Includes ample widget library and builder for customized data, trend, alarm analysis
page
ƒ Supports open RESTful/SignalR APIs allowing user to withdraw SCADA data
showing on APPs
ƒ Supports maximum 1,024 client terminal without further license
Production Information in Cloud
ƒ Empower the efficiency of all engineering works such as database configuration,
system management by 100 % Web-based SCADA software architecture
ƒ Supports SQL, Oracle, MySQL and MS Access for cloud-based database
management
ƒ Exports self-defined / daily / weekly / monthly / yearly report with EXCEL spread
sheet
ƒ Integrated with WISE-PaaS/RMM that users can monitor remote device status such
as CPU loading, fan speed and restore all the history on cloud server
ƒ Broadcasts alarm message via email, SMS when abnormal or suspicious
production data is detected
Data Integration from Sensors, HMI to Controllers
ƒ Supports OPC-UA/DA, DDE, Modbus and BACnet Server/Client to communicate
with WebAccess/HMI or other 3rd party software.
ƒ WebAccess/SCADA and WebAccess/HMI, supporting more than 500 industrial
protocols, enables the manufacturing data integration from remote sensors,
operational HMI, facilities controllers – e.g. The WA-ST/SU SCADA PCs are able
to simultaneously communicate with WA-HT/HU HMI PCs to get the machinery
data and upload the real-time processing information to cloud data server where
broadcasts factory production message on thin client terminal such as mobile
devices
Reliable Distributed SCADA System Design for Field side Operation
ƒ Supports WA-ST/SU SCADA system redundancy: The WA-ST/SU platforms
communicates with backup ports or devices if the primary connection is lost and
automatically restores to the primary unit when the connection becomes available
ƒ Rugged fanless Panel PC with backlight Life up to 50,000 hrs
ƒ Touch screen passed 36 million touches test at single point
ƒ True-flat touch screen designed with IP66 front protection
ƒ Easy installation by panel mounting
ƒ Approved Certifications: BSMI, CCC, CE, FCC Class A,, UL
ƒ Wide operating temperature
Open SCADA Solution by Application-Ready-Package includes:
SCADA Panel PC
ƒ Industrial 12.1"~21.5" TFT LCD Panel with 50K Lifetime LED backlight
ƒ Durable 5-wire resistive / capacitive touch screen
ƒ True-flat IP66 certified front panel protection
ƒ 1 TB Hard disk drive installed
ƒ Microsoft Windows Embedded 7 Pro 64-bit installed
ƒ Supports iDoor technology for diverse applications
WebAccess/SCADA
ƒ Preinstalled WebAccess/SCADA 1500 tags
ƒ 100 % Web-based SCADA software architecture as key player connects all
devices between OT/IT level
ƒ Remote SCADA monitoring by HTML5-based dashboard on iOS, Android
mobile devices
ƒ Supports Open Data Protocols: OPC UA/DA, DDE, and Modbus
ƒ Supports Open Database: SQL, Oracle, MySQL and Acces
12.1"~21.5" TFT LCD SCADA Panel PC
with WebAccess/SCADA
Introduction
The WA-ST SCADA series is a complete application-ready-package offering which includes SCADA Panel PC with TFT LCD panel size from 12.1"~21.5", 1 TB HDD, Microsoft Windows
embedded 7 Pro and WebAccess/SCADA. This allows users to easily achieve an integrated SCADA solution, the Web-based real-time production information system, correlating the
production data within manufacturing operation for intelligent factory management in industries.
The built-in WebAccess/SCADA plays the key role to integrate data from different operating field side sources to centric network stations, cloud based data servers and thin client mobile
devices. The open Web interface supporting multiple data protocols, APIs and HTML5 enables user to develop cloud based cross-system IoT applications on in various vertical markets.
Ready-to-go Open SCADA Solution Package enabling Industry 4.0 includes:
ƒ 12.1"~21.5" TFT LCD SCADA Panel PC
ƒ 1TB Hard disk drive
ƒ Microsoft Windows embedded 7 Pro 64bit
ƒ WebAccess/SCADA Professional 1500 tags
NEW
All product specifications are subject to change without notice
Last updated : 2-Mar-2016


Similar Part No. - WA-STSCADA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WA-ST ADVANTECH-WA-ST Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-ST1251T-E15H4AE ADVANTECH-WA-ST1251T-E15H4AE Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-ST1551T-E15H4AE ADVANTECH-WA-ST1551T-E15H4AE Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-ST1751T-E15H4AE ADVANTECH-WA-ST1751T-E15H4AE Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-ST2140W-G15H4AE ADVANTECH-WA-ST2140W-G15H4AE Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
More results

Similar Description - WA-STSCADA

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
12.1??TFT SVGA LCD
logo
AZ Displays
G121S1-L02 AZDISPLAYS-G121S1-L02 Datasheet
769Kb / 29P
12.1??TFT-LCD module
PD121XL6 AZDISPLAYS-PD121XL6 Datasheet
555Kb / 10P
12.1??TFT-LCD module
logo
Advantech Co., Ltd.
WA-HTHMI ADVANTECH-WA-HTHMI Datasheet
299Kb / 2P
6.5 ~ 21.5 TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-ST ADVANTECH-WA-ST Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
ESRP-SCA-UNO2484 ADVANTECH-ESRP-SCA-UNO2484 Datasheet
845Kb / 2P
SCADA Edge Visualizer
WEDACCESS_SCADA ADVANTECH-WEDACCESS_SCADA Datasheet
648Kb / 3P
Browser-Based SCADA Software
7-Jun-2022
WA-HT-HMI ADVANTECH-WA-HT-HMI Datasheet
298Kb / 2P
6.5" ~ 21.5" TFT LCD Windows-Based Touch Panel HMI with WebAccess/HMI Runtime
9-Mar-2018
WA-HT3070TR15H0AE ADVANTECH-WA-HT3070TR15H0AE Datasheet
361Kb / 2P
6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com