Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WISE-710 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WISE-710
Description  FreeScale i.MX 6 DualLite Industrial Protocol Gateway with 2GbE, 3 x COM, 4DI/4DO, 1 x Micro USB, 1 x Micro SD Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WISE-710 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WISE-710 Datasheet HTML 1Page - Advantech Co., Ltd. WISE-710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WISE-710
Front I/O View
Top I/O View
Underside I/O View
Dimensions
Unit: mm
Wi-Fi Solution
ƒ
968AD00259
Half-size Mini PCIe, 802.11 ac/a/b/g/n (2.4GHz 5GHz),
USB 2.0 signal
ƒ
9656EWMG00E
Half-size to Full-size Mini PCIe Bracket Pack
ƒ
1750009066-01
Dipole Ant. 2.4G WIFI 2.05dBi SMA/M-R RG178 BLK
ƒ
1750009035-01
Cable Ant. SMA/F-BH MHF1/113 BLK L100mm
3G/LTE Solution
ƒ
EWM-C117FL03E
LTE/HSPA+/GPRS module, w/ SIM Slot,TOBY-L200,
for USA AT&T, T-Mobile,w/o voice function
ƒ
EWM-C117FL04E
LTE/HSPA+/GPRS module, w/ SIM Slot,TOBY-L210,
for Europe, APAC,w/o voice function
ƒ
EWM-C117FL05E
LTE/HSPA+/GPRS module, w/ SIM Slot,TOBY-L210H-
60S, for Japan Softbankw/o voice function
ƒ
EWM-C117FL06E
LTE/HSPA+/GPRS module, w/ SIM Slot,TOBY-L280H,
for Taiwan. w/o voice function
ƒ
EWM-C145FL01E
LTE/HSPA+/GPRS (WCDMA and CDMA) for China
ƒ
LTE: 1750009067-01
Dipole Ant. LTE 1.5/2dBi SMA/M BLK 144
ƒ
3G:1750005865
Antenna L=10.9cm 50Ohm AN8921F-5701SM
ƒ
1750009036-01
Cable Ant. SMA/F-R-BH MHF1/113 BLK L100mm
Storage Solution
ƒ
96FMMSDI-4G-ET-AT1 ATP 4G MICRO SD CARD I-GRD SLC(G)
ƒ
96FMMSDI-8G-ET-AT1 ATP 8G MICRO SD CARD I-GRD SLC(G)
Optional Accessories
DIN-Rail Powre Supply
ƒ
96PSD-A20W24-MM
A/D 100-240V 20W 24V MDR DIN RAIL
ƒ
1700029720-01
M cable AC CONN 3P 183cm
10-pin Terminal Block
LED Indicators
LAN Port
5-pin Terminal Block
COM 1
Power Connector
COM 2
Digital I/O
Micro USB
GND
Micro SD Slot QR Code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com