Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WISE-710 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WISE-710
Description  FreeScale i.MX 6 DualLite Industrial Protocol Gateway with 2GbE, 3 x COM, 4DI/4DO, 1 x Micro USB, 1 x Micro SD Slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WISE-710 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WISE-710 Datasheet HTML 1Page - Advantech Co., Ltd. WISE-710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IoT Edge Gateway Solution
Features
ƒ Freescale i.MX 6 Dual Lite A9 1GHz
ƒ Expansion slot: 1x Full size mPICe with USB signal
ƒ Support CANBus 20~1000K
ƒ Embedded with security chip for data security
ƒ Support DIO wet contact & dry contact by switch
ƒ Isolated protection of digital input/output
ƒ Operation System: Ubuntu 16.04 (Default)/ Yocto 2.1 (Optional)
ƒ Operation Temperature: -20~55°C
ƒ Advantech WISE-PaaS/Edgelink support
ƒ Edgelink support MQTT, LWM2M client for cloud communication
ƒ EdgeLink supports more than 200 I/O Drivers
ƒ EdgeLink supports user-defined acquisition period
FreeScale i.MX 6 DualLite Industrial
Protocol Gateway with 2GbE, 3 x COM,
4DI/4DO, 1 x Micro USB, 1 x Micro SD Slot
Introduction
The WISE-710 industrial IoT gateway was an open platform with Cortex A9 processor, equipped with 3 x serial ports, 2 x 10/100/1000 Ethernet ports, and 4 x DI/DO which is great
solution to connect your legacy equipments to the new mesh networks. All collected data to the cloud could be secured by key encryption technology from embedded security chip.
With its rich I/O, and wide operating temperature design, the gateway plays a role as PLC-side protocol converter, and also data logger for multiple industrial applications.
Specifications
General
ƒ
Certification
CE, FCC
ƒ
Mounting
Wall-Mount/ DIN-Rail/ Pole-Mount (Optional)
ƒ
Power Consumption
5W @ 24VDC
ƒ
Power Requirements
24 VDC
System
ƒ
CPU
i.MX 6 ARM Cortex-A9 (Up to 1GHz)
ƒ
Indicators
LEDs for Power, Wireless, LAN, Serial
ƒ
Storage
8GB eMMC
ƒ
Working Memory
1GB DDR3 RAM
ƒ
SD Slot
1 x Micro-SD slot
ƒ
Real-time Clock
Yes
RoHS
COMPLIANT
2002/95/EC
WISE-710
NEW
Ordering Information
Part No.
CPU
RAM
Storage
GbE
RS-
232/485
RS-485/
CAN
RS-485
Micro
USB
Micro
SD Slot
4DI/
4DO
8AI/
4DI
4RTD/
4TC
OS
Application
SW
WISE-710-N600A
i.MX 6
ARM
Cortex-A9
1GB
8GB
eMMC
2
1
1
1
1
1
1
N/A
N/A
Ubuntu
16.04
N/A
WISE-710-N6MCA
i.MX 6
ARM
Cortex-A9
1GB
8GB
eMMC
2
1
1
1
1
1
1
1
N/A
Ubuntu
16.04
N/A
ESRP-PCS-WISE710
i.MX 6
ARM
Cortex-A9
1GB
8GB
eMMC
2
1
1
1
1
1
1
N/A
N/A
Yocto
2.1
WISE-PaaS/
Edgelink
Communication
ƒ
Serial Port
COM1 1x RS232/485, DB9, 0.15~115.2kbps
COM2 1x RS485/CANBus (by switch), 5pin,
50~921.6kbps; CANBus, 20~1000k
COM3 1x RS485, 2pin, 0.15~115.2kbps
ƒ
Ethernet Port
2 x 10/100/1000 Base-T RJ-45 ports
ƒ
USB Port
1 x Micro USB Host (Support flash storage)
ƒ
Isolated DI/DO
4-ch digital input, 4-ch digital output (2000 VDC)
ƒ
Expansion slot
1x Full size mPICe with USB signal
Software
ƒ
OS Support
Ubuntu 16.04 (Default)/ Yocto 2.1 (Optional)
ƒ
Application Software
WISE-PaaS/Edgelink
Max Connection: 4 for uplink protocols
(MQTT x 4, Modbus x 4...etc.)
Max Tag: Default 3000 Tags
(W/O upgrade option)
Environment
ƒ
Operating Temperature
-20 ~ 55 °C (-4 ~ 131 °F) with 0.7 m/s air flow
ƒ
Storage Temperature
-30 ~ 75 °C (-22 ~ 167 °F)
ƒ
Humidity
10 ~ 95% RH @ 40 °C, non-condensing
ƒ
Vibration During Operation
2 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz,
1 hr/axis.
ƒ
Shock During Operation
10G, IEC 60068-2-27, half sine, 11 ms duration
All product specifications are subject to change without notice.
Last updated: 22-May-2019


Similar Part No. - WISE-710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-750 ADVANTECH-WISE-750 Datasheet
363Kb / 1P
Intelligent Vibration Gateway
10-Aug-2021
WISE-750-02A1E ADVANTECH-WISE-750-02A1E Datasheet
363Kb / 1P
Intelligent Vibration Gateway
10-Aug-2021
More results

Similar Description - WISE-710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BEMG-4221 ADVANTECH-BEMG-4221 Datasheet
217Kb / 1P
Energy Data Concentrator with 6 x USB, 4 x COM/ 8 x COM, 128 Devices
BEMG-4222 ADVANTECH-BEMG-4222 Datasheet
211Kb / 1P
Energy Data Concentrator with 6 x USB, 4 x COM/ 8 x COM, 128 Devices
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
USB2.0 x 4, COM x 2, and Parallel x 1
logo
Advantech Co., Ltd.
ECU-150 ADVANTECH-ECU-150 Datasheet
690Kb / 2P
NXP i.MX8M Quad Core Cortex A53 High-Performance IoT Gateway with 2 x LAN, 2 x COM, 1 x USB
29-Dec-2021
ECU-1152 ADVANTECH-ECU-1152 Datasheet
145Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-1252 ADVANTECH-ECU-1252 Datasheet
366Kb / 1P
TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports
14-Dec-2021
ESRP-RMM-UNO247 ADVANTECH-ESRP-RMM-UNO247 Datasheet
579Kb / 2P
IoT Edge Computer with Intel® Celeron® J3455 Processor, 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, and 1 x VGA
15-Jul-2020
UNO-247 ADVANTECH-UNO-247 Datasheet
514Kb / 2P
Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
UNO-2271G-V2 ADVANTECH-UNO-2271G-V2 Datasheet
791Kb / 4P
Edge IoT Gateway with 2 x GbE, 2 x USB 3.2, 1 x mPCIe, 1 x HDMI, and 32 GB eMMC
5-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com