Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840887 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1840887
Description  Printed-circuit board connector - MCVU 1,5/10-GFD-3,81 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840887 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1840887 Datasheet HTML 1Page - PHOENIX CONTACT 1840887 Datasheet HTML 2Page - PHOENIX CONTACT 1840887 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1840887
11/05/2018   Page 3 / 3
Printed-circuit board connector - MCVU 1,5/10-GFD-3,81 AU - 1840887
Approvals
EAC 
 
 B.01742
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-20110128
 
D
B
Nominal voltage UN
300 V
300 V
Nominal current IN
8 A
8 A
mm²/AWG/kcmil
30-14
30-14
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com