Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840887 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1840887
Description  Printed-circuit board connector - MCVU 1,5/10-GFD-3,81 AU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840887 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1840887 Datasheet HTML 1Page - PHOENIX CONTACT 1840887 Datasheet HTML 2Page - PHOENIX CONTACT 1840887 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1840887
11/05/2018   Page 1 / 3
Printed-circuit board connector - MCVU 1,5/10-GFD-3,81 AU - 1840887
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Direct plug-in block, nominal current: 8 A, number of positions: 10, pitch: 3.81 mm, connection method: Screw
connection with tension sleeve, color: green, contact surface: Gold
Your advantages
 Gold-plated contacts ensure transfer quality remains stable over the long term
 Screwable flange for superior mechanical stability
 Laterally mounted flange for screw connection in the housing or on the mounting plate
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918227432
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
34.29 mm
Height
13 mm
General
Range of articles
MCVU 1,5/..-GFD
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
green
Number of positions
10
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50


Similar Part No. - 1840887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840886 PHOENIX-1840886 Datasheet
220Kb / 8P
MCD 1,5/10-G2-3,5 BK - PCB header
More results

Similar Description - 1840887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1833043 PHOENIX-1833043 Datasheet
107Kb / 7P
Base strip - MCVU 1,5/ 4-GFD-3,81
1833085 PHOENIX-1833085 Datasheet
109Kb / 7P
Base strip - MCVU 1,5/ 8-GFD-3,81
1833166 PHOENIX-1833166 Datasheet
110Kb / 7P
Plug - MCVU 1,5/16-GFD-3,81
1704937 PHOENIX-1704937 Datasheet
85Kb / 4P
Printed-circuit board connector - MCVU 1,5/12-GFD-3,81BD:11-20
12/07/2018
1708075 PHOENIX-1708075 Datasheet
86Kb / 4P
Printed-circuit board connector - MCVU 1,5/16-GFD-3,81BD:1-16
12/07/2018
1741393 PHOENIX-1741393 Datasheet
85Kb / 4P
Printed-circuit board connector - MCVU 1,5/ 4-GFD-3,81BD:1-4
11/04/2018
1744002 PHOENIX-1744002 Datasheet
84Kb / 3P
Printed-circuit board connector - MCVU 1,5/ 2-GFD-3,81GYA
11/04/2018
1744015 PHOENIX-1744015 Datasheet
79Kb / 3P
Printed-circuit board connector - MCVU 1,5/ 4-GFD-3,81GYAU
11/04/2018
1744028 PHOENIX-1744028 Datasheet
79Kb / 3P
Printed-circuit board connector - MCVU 1,5/ 5-GFD-3,81GYAU
11/04/2018
1901247 PHOENIX-1901247 Datasheet
85Kb / 4P
Printed-circuit board connector - MCVU 1,5/10-GFD-3,81BD:1-10
11/05/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com