Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5271 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology MIC5271 Datasheet HTML 10Page - Microchip Technology MIC5271 Datasheet HTML 11Page - Microchip Technology MIC5271 Datasheet HTML 12Page - Microchip Technology MIC5271 Datasheet HTML 13Page - Microchip Technology MIC5271 Datasheet HTML 14Page - Microchip Technology MIC5271 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005881B-page 11
MIC5271
EQUATION 4-1:
EQUATION 4-2:
The actual power dissipation of the regulator circuit can
be determined using Equation 4-3:
EQUATION 4-3:
Substituting PD(MAX), determined above, for PD and
solving for the operating conditions that are critical to
the application will give the maximum operating
conditions for the regulator circuit. The maximum
power dissipation number cannot be exceeded for
proper operation of the device. The maximum input
voltage can be determined using the output voltage of
5.0V and an output current of 100 mA. Ground current,
of 2 mA for 100 mA of output current, can be taken from
Table .
• 425 mW = (VIN – 5.0V) x 100 mA + VIN x 2 mA
• 425 mW = (100 mA x VIN + 2 mA x VIN) – 500mW
• 925 mW = 102 mA x VIN
• VIN = 9.07V (maximum)
Therefore, a –5.0V application at –100 mA of output
current can accept a maximum input voltage of –9.07V
in a SOT-23 package. For a full discussion of heat
sinking and thermal effects on voltage regulators, refer
to “Regulator Thermals” section of Microchip’s
Designing with Low Dropout Voltage Regulators
handbook and AN792, A Method to Determine How
Much Power an SOT23 Can Dissipate in an
Application.
4.6
Adjustable Regulator Application
The MIC5271YM5 can be adjusted from –1.20V to
–14V by using two external resistors (Figure 4-2). The
resistors set the output voltage based on Equation 4-4.
FIGURE 4-2:
Adjustable Voltage
Application.
EQUATION 4-4:
PD MAX
TJ MAX
TA
–
JA
--------------------------------
=
PD MAX
125C 25C
–
235C/W
-----------------------------------
425mW
=
=
PD
VIN VOUT
–
IOUT
VIN IGND
+
=
–V
IN
MIC5271YM5
1
2
3
4
5
R1
R2
–V
OUT
GND
EN
–IN
ADJ
–OUT
VOUT
VREF 1 R2
R1
-------
+
=
Where:
VREF = 1.20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com