Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5271 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 12Page - Microchip Technology MIC5271 Datasheet HTML 13Page - Microchip Technology MIC5271 Datasheet HTML 14Page - Microchip Technology MIC5271 Datasheet HTML 15Page - Microchip Technology MIC5271 Datasheet HTML 16Page - Microchip Technology MIC5271 Datasheet HTML 17Page - Microchip Technology MIC5271 Datasheet HTML 18Page - Microchip Technology MIC5271 Datasheet HTML 19Page - Microchip Technology MIC5271 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005881B-page 17
MIC5271
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5271YM5-TR:
µCap Negative Low Dropout
Regulator, Adjustable Output
Voltage, –40°C to +125°C
Temp. Range, 5-Lead
SOT23, 3,000/Reel
b) MIC5271-3.0YM5-TR:
µCap Negative Low Dropout
Regulator, –3.0V Output
Voltage, –40°C to +125°C
Temp. Range, 5-Lead
SOT23, 3,000/Reel
c) MIC5271-5.0YM5-TR:
µCap Negative Low Dropout
Regulator, –5.0V Output
Voltage, –40°C to +125°C
Temp. Range, 5-Lead
SOT23, 3,000/Reel
PART NO.
X
Package
Device
Device:
MIC5271:
µCap Negative Low Dropout Regulator
Output Voltage:
<blank>= Adjustable
3.0 =
–3.0V Fixed Option
5.0 =
–5.0V Fixed Option
Junction
Temperature
Range:
Y
=
–40°C to +125°C, RoHS-Compliant
Package:
M5 =
5-Lead SOT23
Media Type:
TR =
3,000/Reel
-X.X
Output
X
Junction Temp.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
Voltage
Range
Note:
Contact Marketing for other output voltage options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com