Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Packing List
Part Number
Description
EPC-R3220
EPC-R3220 with 1GDDR/8GeMMC
1652008019-01
2x10P/2.54 Terminal Plug for COM/GPIO
1652005203
2P 90D(F) Plug-in block for power in
External I/O
EPC-R3220
Ordering Information
Part Number
CPU
Memory
eMMC
SD
Serial
GPIO
USB OTG
LAN
Wi-Fi
TPM
Operating
Temperature
Add-on
EPC-R3220IS-OLA1E
TI AM3352
1GB
8GB
1
1
1
1
1
-
-
-20 ~ 70 °C
DeviceOn
EPC-R3220IS-OLA1KE
TI AM3352
1GB
8GB
1
1
1
1
1
1
1
-20 ~ 70 °C
DeviceOn
EPC-R3220IS-OMA1E
TI AM3352
1GB
8GB
1
1
1
1
1
-
-
-20 ~ 70 °C
CommBridge*
EPC-R3220IS-OMA1KE
TI AM3352
1GB
8GB
1
1
1
1
1
1
1
-20 ~ 70 °C
CommBridge*
*CommBridge only for China
Optional Accessories
Part Number
Description
96PSA-A36W12R1-3
ADP A/D 100-240V 36W 12V
1700023307-01
DC jack/plug-in cable 1*2P-5.0 10 cm RSB-4220
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700001524
Power cord 3P UL 10A 125 V 180 cm
1700019146
Power cord CCC 3P 10A 250V 183cm
ROM-ED20-00A1E
Debug adapter board
1700020442-01
Debug port cable
1700023619-01
USB OTG cable_typeA M to mirco USB
1950016423T101
DIN RAIL(BLACK WEAVE)ASS'Y FOR ICE-3105
1960056982T003
MOUNTING BRACKET 2U2X DS-780
1750008800-01
Cable Ant.SMA/F-R-BH MFH4/113 BLK L100
1750008772-01
2Dipole Ant.D.B 2.4+5G WIFI 3/4.4dBi SMA/M-R BLK
968AD00479*
EC20CEFAG-MINIPCIE R2.1 LTE Cat 4 for China
1750008424-01
LTE Antenna Dipole L=148.5mm 4dBi A9703021
1750008461-01
Cable Ant. SMA/F-R-BH R/A MHF/113 WHT L83
WWAN1
1930007942
Screw for Wallmount (x4) and DinRail (x3)
1930006668-01
Screw for Mini-PCIE module
* Please contact us to get suitable LTE solution for your region.
160.40
137
167.90
181.40
LAN1
RS232/485x2
GPIOx6
Power on
LAN2
DC-In
Programmable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com