Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computing Solutions
Features
ƒ TI Sitara™ AM3352 Cortex®-A8 800MHz processor
ƒ 1GB of DDR3-800 and 8 GB of eMMC NAND Flash onboard
ƒ 2 Gigabit Ethernet ports
ƒ 2 RS232/485, 1 USB OTG, 6 GPIO
ƒ WiFi/BT/LTE solution ready
ƒ Yocto Linux support
ƒ -20 ~ 70 °C operating temperature/ 12~24V DC power supply
ƒ Equipped with hardware watchdog timer for system protection
EPC-R3220
TI Sitara™ AM3352 Cortex®-A8
ARM-Based IoT Gateway
Introduction
EPC-R3220 is a RISC-based box computer integrated with the TI Sitara AM3352 Cortex-A8 0.8GHz processor. It is designed for applications that require multiple connectivity
points and low power consumption. The EPC-R3220 offers dual RS-232/485 serial ports with Modbus/OPC-UA protocol support for date collection, 6GPIOs for indication or device
control, dual 10/100/1000 Ethernet ports, one wifi/BT onboard solution and one Mini-PCIE that can expand to an LTE solution. EPC-R3220 supports wide-ranging power input and
temperature and supports both DIN-rail and wall mounting.
Specifications
Form Factor
Box computer
Processor System
CPU
TI Sitara™ AM3352 Cortex®-A8 800MHz processor
Capacity
1GB of onboard DDR3 at 800 MHz
Flash
8 GB of eMMC NAND Flash for OS and 4 MB of SPI NOR Flash for ADV loader
Ethernet
Transceiver
RTL 8211
Speed
2 x 10/100/1000 Mbps
WLAN
WIFI/BT
IEEE 802.11ac/a/b/g/n 2*2 WLAN+BT 4.2 On board (option)
WatchDog Timer
MSP430G2202 (timeout: 1 ~ 6553s, default 60s/power on/off 1s)
I/O
USB
1 x USB2.0 OTG
Serial Port
2 x RS232/485 w/ 4wires
GPIO
6
I2C
1 by pin header
SPI
1 by pin header
Button
1 x Reset button
Indicator
4 (1 x Power, 3 x User Programmable)
Expansion
Mini PCIe
1/USB signal only
M.2
NA
SD Socket
1 x Mirco SD slot
SIM
1 x Nano SIM slot
Antenna Hole
4
Power
Power Supply Voltage
12 ~ 24 V DC-in
Power Type
2-pole lockable DC-in
Power Consumption
4.7W (burning)
Environment
Operational Temperature
-20 ~ 70 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D x H)
139 x 85 x 30 mm
Operating System
Linux Yocto2.4
Certifications
CE/FCC/CCC/BSMI/NCC/SRRC
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 8-Jun-2020


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Advantech Co., Ltd.
ROM-3310 ADVANTECH-ROM-3310_15 Datasheet
637Kb / 2P
TI AM3352 Cortex A8 1GHz RTX2.0 Module
RSB-4220 ADVANTECH-RSB-4220_15 Datasheet
463Kb / 2P
TI Sitara AM3352 Cotrex A8 3.5" Single board
UBC-330 ADVANTECH-UBC-330_15 Datasheet
396Kb / 2P
TI Sitara AM3352 Cortex-A8 RISC box
ROM-3310WS-MCA1E ADVANTECH-ROM-3310WS-MCA1E Datasheet
795Kb / 2P
TI Sitara??ARM짰 AM3352 Cortex짰-A8 1GHz RTX2.0 Module
RSB-4221 ADVANTECH-RSB-4221 Datasheet
611Kb / 2P
TI Sitara??ARM짰 AM3358 Cortex짰-A8 3.5 SBC
16-Jan-2018
ROM-3310 ADVANTECH-ROM-3310 Datasheet
3Mb / 4P
TI Sitara™ ARM AM3352 Cortex -A8 1GHz RTX2.0 Module
7-Jul-2021
RSB-4220 ADVANTECH-RSB-4220 Datasheet
422Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC with Linux Kernel V3.2.0
3-May-2016
RSB-4220_V101 ADVANTECH-RSB-4220_V101 Datasheet
819Kb / 2P
TI Sitara™ ARM® AM3352 Cortex®-A8 3.5" SBC
13-Jan-2017
UBC-330 ADVANTECH-UBC-330 Datasheet
2Mb / 4P
TI Sitara™ AM3352 Cortex®-A8 RISC Computing Box
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com