Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4680 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R4680
Description  Rockchip RK3288 Cortex-A17 ARM Based Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4680 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R4680 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4680 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN
Serial Port
USB Host
SD
Operating
Temperature
EPC-R4680CQ-XAA1E
Rockchip RK3288
Quad Core 1.6GHz
2GB
8GB
1
1
1 x 4-wire RS-232/485
1 x 2-wire RS-232/Debug port
4 x 4-wire RS-232
5 x USB Host
1 x USB OTG
1
0 ~ 55 °C
EPC-R4680
Packing List
Part Number
Description
EPC-R4680
EPC-R4680 Box computer
Dimensions
Unit: mm
Optional Accessories
Port Number
Description
96PSA-A36W12W7
ADP A/D 100-240V 36W 12V WO/PFC
170203183C
Power cord 3P Europe (WS-010+WS-083) 183 cm
170203180A
Power cord 3P UK 2.5A/3A 250 V 1.83 M
1700019146
Power Cord CCC 3P 10A 250V 183cm
EWM-W167M201E
802.11b/g/n (1R1T)+BT4.0 WLAN and BT combo module
1750008800-01
Antenna Cable R/P SMA (M) to MHF4, 100mm
1750008671-01
Dipole Ant.SMA/M-R 2.4/5G 2.5/4dBi BLK 109mm
968AD00081*
Qucetel EC20CEFA Mini-PCIe 4G module for China
1750006264
Antenna cable SMA(F)/MHF 15cm
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
SQF-MSDM1-8G-21C SQF MICRO SD C10 MLC 8G (-25 ~ 85 °C)
* Please contat us to get suitiable celluar module for your region.
190
190
190
220
2.6
2.6
43
43
205
220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com