Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R4680 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R4680
Description  Rockchip RK3288 Cortex-A17 ARM Based Box Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R4680 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R4680 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R4680 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
ƒ Rockchip ARM Cortex-A17 RK3288 Quad core up to 1.6GHz
ƒ Onboard 2GB DDR3L memory and 8GB eMMC
ƒ Support 4K H.264/H.265 Video decoding, OpenVG1.1, OpenGL
ES1.1/2.0/3.0, OpenCL1.1, DrectX11.
ƒ Support HDMI 3840 x 2160 at 60Hz, VGA 1920 x 1200 at 60Hz
ƒ 6 UART, 5 USB2.0, 1 USB OTG, 1GbE, 8GPIO
ƒ Support M.2 slot for WIFI/BT module, Mini-PCIe slot for 4G module
ƒ Support Linux and Android
EPC-R4680
Rockchip RK3288 Cortex-A17 ARM
Based Box Computer
Introduction
EPC-R4680 is an ARM based Box Computer powered by Rockchip ARM Cortex-A17 RK3288 Quad core high performance processor, which supports 4K display and 4Kx2K multi-
format video decoding via HDMI. It also features M.2, Mini-PCIe and SIM card slots for WIFI, BT and 4G connectivity. EPC-R4680 also offers rich interfaces such as 6 USB2.0, 6
UART, 1 GbE and 8 GPIO. It is an ideal solution for Kiosk,Vending machine and Digital signage application.
Specifications
Form Factor
ARM-based Box Computer
Processor
CPU
Rockchip ARM® Cortex® A17 RK3288 Quad-core, up to 1.6 GHz
Memory
Technology
DDR3L 1333MHz
Capacity
On-board 2GB DDR3L
Flash
8GB eMMC NAND Flash for OS and Advantech boot loader
4MB SPI NOR Flash
Graphics
HDMI
1 HDMI, 3840 x 2160 at 60Hz
VGA
1 VGA, up to 1920 x 1200 at 60Hz
H/W Video Codec
Encode: H.264 (BP@level4.0, MP, HP@level4.0), MVC and VP8
Decode: MPEG-1, MPEG-2, MPEG-4,H.263, H.264, AVS, VC-1, VP8, MVC, HEVC/H.265 decoder, 4k@60FPS
Ethernet
Chipset
TI DP83867
Speed
1 10/100/1000 Mbps
RTC
Yes
WatchDog Timer
Yes
Expansion
SD socket
1 x Micro SD slot
M.2
1 x M.2 2230 Key.E
mini PCIe
1 x Full size mini PCIe slot (USB signal only)
SIM
1 x SIM slot
I/O
SATA
-
SATA Power
-
USB
5 x USB Type A, 1 x USB OTG
Audio
1 x line-out, 1 x mic-in
SPDIF
-
Serial Port
1 x 4-wire RS-232/485
1 x 2-wire RS-232/Debug port, pin header selected by jumper
4 x 4-wire RS-232
SPI
1 x SPI by pin header
CAN
-
GPIO
8 x GPIO via D-SUB 9 (3.3V TTL level)
I2C
1 x I2C by pin header
System Bus
-
Touch
-
I/R
-
LED
1 x Power LED, 1 x 4G LED
Button
1 x Power button, 1 x Reset button
Power
Power Supply Voltage
12V
Power Type
DC-in
Power Consumption
TBD
Environment
Operational Temperature
0 ~ 55° C
Operating Humidity
5% ~ 95%
Mechanical
Dimensions (W x D)
190 x 150 x 43 mm
Operating System
Android/Linux
Certifications
CCC/CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 19-Dec-2018


Similar Part No. - EPC-R4680

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R4710IO-XAA1BE ADVANTECH-EPC-R4710IO-XAA1BE Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R4710IO-XAA1E ADVANTECH-EPC-R4710IO-XAA1E Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R4710NO-XAA1BE ADVANTECH-EPC-R4710NO-XAA1BE Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
EPC-R4710NO-XAA1E ADVANTECH-EPC-R4710NO-XAA1E Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
More results

Similar Description - EPC-R4680

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200_15 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EPC-R4760 ADVANTECH-EPC-R4760_V01 Datasheet
2Mb / 4P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
7-Jul-2021
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
RSB-4680 ADVANTECH-RSB-4680 Datasheet
3Mb / 4P
Rockchip ARM Cortex-A17 RK3288 3.5 SBC
7-Jul-2021
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
RSB-4810 ADVANTECH-RSB-4810 Datasheet
584Kb / 2P
Rockchip Arm Cortex-A55 RK3568 3.5 SBC
18-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com