Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3430ID-PLA120 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3430ID-PLA120
Description  NXP ARM짰 Cortex짰-A9 i.MX6 Dual 1GHz Fanless Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3430ID-PLA120 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3430ID-PLA120 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3430ID-PLA120 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
ƒ NXP i.MX 6 Dual 1GHz
ƒ On-board 1GB DDR3L and 4GB eMMC
ƒ HDMI
ƒ RS-232/422/485, 2 USB, 1 GbE
ƒ 1 Micro SD socket
ƒ I/O selection of UIO-4030, UIO-4032 and UIO-4034
ƒ Mini-PCIe w/ SIM socket for 3G/LTE
ƒ M.2 Key E, Type 2230 for Wi-Fi & BT
EPC-R3430
NXP ARM® Cortex®-A9 i.MX6 Dual 1GHz
Fanless Box
Specifications
Model
EPC-R3430ID-PLA100
EPC-R3430ID-PLA120
EPC-R3430ID-PLA140
Processor System
CPU
NXP ARM® Cortex®-A9 i.MX6 dual 1 GHz
Memory
Technology
DDR3
Capacity
1 GB On-board
Flash
4 GB On-board eMMC Flash for OS and 4 MB of NOR Flash for boot code
Graphics
HDMI
HDMI with 1920 x 1080 resolution
Graphics Engine
1 x IPU. OpenGL ES 2.0 for 3D, BitBlt for 2D
1 x IPU. OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
NXP i.MX6 integrated RGMII
Speed
1 10/100/1000 Mbps
Watchdog Timer
Watchdog Timer
1~6553s, power on/off 4s
Front I/O
USB
2 x USB 2.0 Type A
UART
1 x RS-232/ 422/ 485
GbE
1 x RJ45 for GbE
Rear I/O
1 x RS-485, 1 x 2 wires RS-232
1 x 8 GPIO
2 x 2 wires RS-232
1 x GbE, 2 x USB 2.0
2 x 2 wires RS-232
1 x CAN Bus 2.0B
Expansion
Full-Size Mini PCIe
1 (with USB signal only)
M.2 Micro
1 M.2 Key-E, Type 2230
SD Socket
1 Micro SD Socket
SIM
1 Nano SIM sockett
Antenna Holes
2
Power
Power Supply Voltage
12 VDC
Power Type
DC-Jack
Power Consumption
2 Watts (max. load)
Environment
Operating Temperature
-20 ~ 60 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions
174 x 108 x 25 mm
Mounting
Wall mount
Weight
480 g
Operating System
Linux
Yocto , Ubuntu
Android
Android
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 9-Jun-2020


Similar Part No. - EPC-R3430ID-PLA120

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3430ID-PLA120

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5420-B1 ADVANTECH-ROM-5420-B1 Datasheet
699Kb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 SMARC v1.1 Module
RSB-3410DL-MDA1E ADVANTECH-RSB-3410DL-MDA1E Datasheet
1Mb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5" SBC
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
RSB-4410 ADVANTECH-RSB-4410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411 ADVANTECH-RSB-4411_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
UBC-DS31 ADVANTECH-UBC-DS31_V01 Datasheet
599Kb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 Full HD RISC Signage Box
10-Mar-2016
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com