Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5171G-R3BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-5171G-R3BE
Description  15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5171G-R3BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-5171G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5171G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Monitors
Dimensions
Optional Accessories
ƒ
FPM-1000T-SMKE
Desktop/Wall Mounting kit for FPM series
ƒ
98R3615210E
IPPC-6152A/FPM-5151G Rack Mount Kit
ƒ
98R3617200E
IPPC-6172A/FPM-5171G Rack Mount Kit
ƒ
98R3619200E
IPPC-6192A/FPM-5191G Rack Mount Kit
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
ƒ
96PSA-A60W12V1-1
ADP A/D 100-240V 60W 12V C14 DC PLUG 180 °
ƒ
FPM-5000G-ADKE
Mounting bracket of adapter for FPM-5000
Note: VESA mounting screw length: M4 x 6 mm
Rear View
I/O View
Front-Facing USB Port
LCD OSD Control Keys
Wallmount
TS Interface -
RS-232 Port
TS Interface - USB Port
10-30 VDC Power Input
with Phoenix Jack
12V Power Input
with DIN-rail
DVI-D port
VGA Port
T/S Interface
Switch
Panel Mount
VESA Mount
FPM-5191G
FPM-5171G
FPM-5151G
FPM-5151G: 449.92 [17.71]
FPM-5171G: 481.93 [18.97]
FPM-5191G: 481.93 [18.97]
FPM-5151G: 6.00 [0.24]
FPM-5171G: 6.00 [0.24]
FPM-5191G: 7.00 [0.28]
FPM-5151G: 422.40 [16.63]
FPM-5171G: 449.97 [17.72]
FPM-5191G: 445.92 [17.56]
FPM-5151G: 50.50 [2.00]
FPM-5171G: 55.00 [2.17]
FPM-5191G: 59.00 [2.32]
100.00 [3.94]
75.00 [2.95]
M4
M4
M4
M4
M4
M4
M4
M4
Panel Cut-out Dimensions: FPM-5151G: 424 X 293 mm
257.50 [10.14]
FPM-5171G: 454 X 338 mm
FPM-5191G: 454 X 338 mm
Panel Cutout Dimensions: FPM-5151G: 424 x 293 mm (16.69 x 11.54 in)
FPM-5171G: 454 x 338 mm (17.87 x 13.31 in)
FPM-5191G: 454 x 338 mm (17.87 x 13.31 in)
Unit: mm [inch]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com