Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-5171G-R3BE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-5171G-R3BE
Description  15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-5171G-R3BE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-5171G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-5171G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
FPM-5191G
FPM-5171G
FPM-5151G
15" XGA/17" SXGA/19" SXGA Industrial
Monitors with Resistive Touch Control,
Direct VGA, and DVI Ports
ƒ 15" XGA/17"/19" SXGA TFT LED LCD with 50,000 backlight lifetime
ƒ Direct VGA and DVI-D input interfaces
ƒ Lockable OSD keys with 2 user-defined contrast/brightness controls
ƒ Flat, sealed, IP65-rated front panel
ƒ Robust design with anti-rust chassis and aluminum die cast front panel
ƒ Front-accessible USB connector
ƒ Combo RS-232 & USB interface for touchscreen functionality (switchable)
ƒ Supports 10 ~ 30 VDC power input with Phoenix jack
ƒ Supports panel, wall, desktop, rack or VESA arm mounting
Introduction
The FPM-5000G series comprises 15", 17", and 19" flat-panel color monitors with LED backlights that provide an ample display area and sharp, vivid images. Specifically designed
for industrial applications, these monitors support Direct VGA and DVI-D signal transmissions, which allow VGA control cards to be integrated in the system. The onscreen display
output can be adjusted using two user-defined function keys. The front-accessible USB connector provides easy access to the controller, while the wide-range (10 ~ 30 VDC) power
support makes these monitors ideal for factory and machine automation display applications.
Specifications
General
ƒ
OSD Controls
Lockable OSD control buttons on rear panel
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Dimensions (W x H x D) 5151G: 449.92 x 315.63 x 50.5 mm
(17.71 x 12.43 x 1.99 in)
5171G: 481.93 x 355.87 x 55 mm
(18.97 x 14.01 x 2.17 in)
5191G: 481.93 x 384.6 x 59 mm
(18.97 x 15.14 x 2.32 in)
ƒ
Enclosure
Front panel: Aluminum and flat-sealed
Rear cover: Anti-rust coating
ƒ
Mount Options
Panel, wall, desktop, VESA arm, or 19" rackmount
ƒ
Power Input
Phoenix Jack: 10 ~ 30 VDC input
Optional external 57 W power adapter, with AC
100 V ~ 240 V input and DC +12 V @ 4.7A output
ƒ
Power Consumption
18 W + 20%/31 W + 20%/32 W + 20%
ƒ
USB
Front-facing USB for easy access
ƒ
Video Port
VGA & DVI-D
ƒ
Weight (Net)
6 kg (13.22 lb)/7 kg (17.63 lb)/9 kg (22.04 lb)
LCD Display
ƒ
Display Type
XGA/SXGA/SXGA TFT LCDs
ƒ
Display Size
15"/17"/19"
ƒ
Max. Resolution
1024 x 768/1280 x 1024/1280 x 1024
ƒ
Max. Color
16.2M/16.7M/16.7M
ƒ
Viewing Angle (H/V °) 160/140, 160/140, 170/160
ƒ
Luminance (cd/m2)
400/350/350
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
700:1/800:1/1000:1
Touchscreen
ƒ
Sensor
AMT
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive
ƒ
Interface
RS-232 & USB
ƒ
Lifespan
10/10/36 million with R8 silicone rubber finger,
2 x 250g presses per second
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP, Vista,7, 8,10,XPe and Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operating Temperature 0 ~ 50 °C (32 ~ 122 °F)
ƒ
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Humidity (Storage)
10 ~ 90% non-condensing
ƒ
IP Rating
Front panel is compliant with IP65
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-5191G-R3BE
19"SXGA Ind. Monitor w/Resistive TS(RS-232,USB)
ƒ
FPM-5171G-R3BE
17"SXGA Ind. Monitor w/Resistive TS(RS-232,USB)
ƒ
FPM-5151G-R3BE
15"XGA Ind. Monitor w/Resistive TS(RS-232,USB)
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - FPM-5171G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-5171G-R3AE ADVANTECH-FPM-5171G-R3AE Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
More results

Similar Description - FPM-5171G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5152G ADVANTECH-FPM-5152G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-5172G ADVANTECH-FPM-5172G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5152G ADVANTECH-FPM-5152G_14 Datasheet
400Kb / 2P
15" XGA / 17" SXGA / 19" SXGA Industrial Monitors with Resistive Touchscreens, Lockable Display Port
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-212 ADVANTECH-FPM-212 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com