Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3D2200DA4/01 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MF3D2200DA4/01
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3D2200DA4/01 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MF3D2200DA4/01 Datasheet HTML 15Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 16Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 17Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 18Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 19Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 20Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 21Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 22Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
19 / 27
9 Limiting values
Table 15. Limiting values [1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
II
input current
-
50
mA
Ptot/pack
total power dissipation per
package
-
200
mW
Tstg
storage temperature
-55
125
°C
Tamb
ambient temperature
-25
70
°C
VESD
electrostatic discharge voltage
[3] [4] -
2
kV
[1]
Stresses above one or more of the limiting values may cause permanent damage to the device.
[2]
Exposure to limiting values for extended periods may affect device reliability.
[3]
HBM: ANSI/ESDA/JEDEX JS-001
[4]
MIL Standard 883-C method 3015; Human Body Model: C = 100 pF, R = 1.5 kΩ.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com