Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3D2200DA4/01 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF3D2200DA4/01
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3D2200DA4/01 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF3D2200DA4/01 Datasheet HTML 1Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 2Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 3Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 4Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 5Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 6Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 7Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 8Page - NXP Semiconductors MF3D2200DA4/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
Rev. 3.2 — 12 June 2019
Product short data sheet
364232
COMPANY PUBLIC
1 General description
1.1 Introduction
MIFARE DESFire EV2 contactless IC (MF3D(H)x2) is the latest addition to the MIFARE
DESFire product family introducing new features along with enhanced performance for
best user experience. The MIFARE DESFire EV2 is Common Criteria EAL5+ security
certified which is the same security certification level as demanded for smart card IC
products used e.g. for banking cards or electronic passports. It fully complies with
the requirements for fast and highly secure data transmission and flexible application
management. This makes it the ideal product for service providers and service operators
who want to offer an easy, convenient and secure access to a wide variety of different
services.
MIFARE DESFire EV2 offers best flexibility when creating multi-application schemes and
features such as MIsmartApp with multiple key sets and Transaction MAC are supporting
new business models. Smart Cities services, for example, could be utilized with only
one MIFARE DESFire EV2 card by combining services such as public transport, car
or bike sharing, access to city attractions with citizen services, closed-loop e-payment
applications and local loyalty programs.
MIFARE DESFire EV2 is based on global open standards for both air interface and
cryptographic methods. It is compliant to all levels of ISO/IEC 14443A and supports
optional ISO/IEC 7816-4 commands (APDU and file structure supported) and is fully
interoperable with existing NFC readers for MIFARE products.
Featuring an on-chip backup management system and the mutual three-pass
authentication, a MIFARE DESFire EV2 card1 can hold as many applications as the
memory can accommodate. Each application can hold up to 32 files with various data
configurations. The size of each file is defined at the moment of its creation, making
MIFARE DESFire EV2 a truly flexible and convenient product. An automatic anti-tear
mechanism is available for all file types, guaranteeing transaction-oriented data integrity.
The main characteristics of this device are denoted by its name "DESFire": DES
indicates the high level of security using a 3DES or AES hardware cryptographic engine
for confidentiality and integrity protection of the transmission data. Fire indicates its
outstanding position as a Fast, Innovative, Reliable and Secure IC in the contactless
proximity transaction market.
MIFARE DESFire EV2 delivers the perfect balance of speed, performance and cost
efficiency. Its open concept allows seamless future integration of other ticketing media
such as smart paper tickets, banking convergence card, and mobile ticketing based on
Near Field Communication (NFC) technology. It is also fully compatible with the existing
1
In this document the term „MIFARE DESFire card“ refers to a MIFARE DESFire IC-based contactless
card.


Similar Part No. - MF3D2200DA4/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3D2300DA4 NXP-MF3D2300DA4 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3D2300DA4/00 NXP-MF3D2300DA4/00 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3D2300DA4/00 NXP-MF3D2300DA4/00 Datasheet
430Kb / 29P
MIFARE DESFire EV3 contactless multi-application IC
Rev. 3.1 - 11 January 2024
MF3D2300DA8 NXP-MF3D2300DA8 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3D2300DA8/00 NXP-MF3D2300DA8/00 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
More results

Similar Description - MF3D2200DA4/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com