Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1941 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1941
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1941 Datasheet HTML 9Page - Analog Devices AD1941 Datasheet HTML 10Page - Analog Devices AD1941 Datasheet HTML 11Page - Analog Devices AD1941 Datasheet HTML 12Page - Analog Devices AD1941 Datasheet HTML 13Page - Analog Devices AD1941 Datasheet HTML 14Page - Analog Devices AD1941 Datasheet HTML 15Page - Analog Devices AD1941 Datasheet HTML 16Page - Analog Devices AD1941 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Preliminary Technical Data
AD1941
Rev. PrE | Page 13 of 32
SIGNAL PROCESSING
OVERVIEW
The AD1941 is designed to provide all signal processing
functions commonly used in stereo or multichannel playback
systems. The signal processing flow is set by using the ADI-
supplied software, which allows graphical entry and real-time
control of all signal processing functions.
Many of the signal processing functions are coded using full,
56-bit double-precision arithmetic. The input and output word
lengths are 24 bits. Four extra headroom bits are used in the
processor to allow internal gains up to 24 dB without clipping.
Additional gains can be achieved by initially scaling down the
input signal in the signal flow.
The signal processing blocks can be arranged in a custom pro-
gram that can be loaded to the AD1941’s RAM. The available
signal processing blocks are explained in the following sections.
NUMERIC FORMATS
It is common in DSP systems to use a standardized method of
specifying numeric formats. Fractional number systems are
specified by an A.B format, where A is the number of bits to the
left of the decimal point and B is the number of bits to the right
of the decimal point.
The AD1941 uses the same numeric format for both the coeffi-
cient values (stored in the parameter RAM) and the signal data
values. The format is as follows:
Numerical Format: 5.23
Range: –16.0 to (+16.0 − 1 LSB)
Examples:
1000000000000000000000000000 = –16.0
1110000000000000000000000000 = –4.0
1111100000000000000000000000 = –1.0
1111111000000000000000000000 = –0.25
1111111111111111111111111111 = (1 LSB below 0.0)
0000000000000000000000000000 = 0.0
0000001000000000000000000000 = 0.25
0000100000000000000000000000 = 1.0
0010000000000000000000000000 = 4.0
0111111111111111111111111111 = (16.0 – 1 LSB).
The serial port accepts up to 24 bits on the input and is sign-
extended to the full 28 bits of the core. This allows internal
gains of up to 24 dB without encountering internal clipping.
A digital clipper circuit is used between the output of the DSP
core and the serial output ports (see Figure 7). This clips the top
four bits of the signal to produce a 24-bit output with a range of
1.0 (minus 1 LSB) to –1.0.
4-BIT SIGN EXTENSION
DATA IN
SERIAL PORT
1.23
5.23
SIGNAL PROCESSING
(5.23 FORMAT)
DIGITAL
CLIPPER
5.23
1.23
Figure 7. Numeric Precision and Clipping Structure
PROGRAMMING
On power-up, the AD1941’s default program passes the unpro-
cessed input signals to the outputs but the outputs come up
muted by default (see Power-Up Sequence section). There are
1,536 instruction cycles per audio sample, resulting in an inter-
nal clock rate of 73.728 MHz (for fs = 48 kHz). This DSP runs in
a stream-oriented manner, meaning all 1,536 instructions are
executed each sample period. The AD1941 may also be set
up to accept double or quad-speed inputs by reducing the
number of instructions/sample, which can be set in the core
control register.
The part can be programmed easily using graphical tools pro-
vided by Analog Devices. No knowledge of writing DSP code is
needed to program this part. The user can simply connect
graphical blocks such as biquad filters, dynamics processors,
mixers, and delays in a signal flow schematic, compile the
design, and load the program and parameter files into the
AD1941’s Program RAM through the control port. Signal
processing blocks available in the provided libraries include
•
Single- and double-precision biquad filters
•
Mono and multichannel dynamics processors
•
Mixers and splitters
•
Tone and noise generators
•
First-order filters
•
Fixed and variable gain
•
RMS look-up tables
•
Loudness
•
Delay
•
Stereo enhancement (Phat Stereo™)
•
Interpolators and Decimators
More blocks are always in development. Analog Devices also
provides proprietary and third-party algorithms for applications
such as matrix decoding, bass enhancement, and surround
virtualizers. Please contact ADI for information about licensing
these algorithms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com