Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM1-S Datasheet(PDF) 2 Page - CUI INC

Part # PDM1-S
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDM1-S Datasheet(HTML) 2 Page - CUI INC

  PDM1-S Datasheet HTML 1Page - CUI INC PDM1-S Datasheet HTML 2Page - CUI INC PDM1-S Datasheet HTML 3Page - CUI INC PDM1-S Datasheet HTML 4Page - CUI INC PDM1-S Datasheet HTML 5Page - CUI INC PDM1-S Datasheet HTML 6Page - CUI INC PDM1-S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PDM1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/01/2021
│ page 2 of 7
PART NUMBER KEY
PDM1 - SXX - XXX -S
Input Voltage
Output Voltage
Packaging Style
Base Number
Output
S = single
D = dual
SIP
MODEL
(CONTINUED)
input
voltage
output
voltage
output
current
output
power
ripple
and noise2
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PDM1-S12-S24-S1
12
10.8~13.2
24
5
42
1
60
80
PDM1-S12-D3-S
12
10.8~13.2
±3.3
±15
±152
1
60
76
PDM1-S12-D5-S1
12
10.8~13.2
±5
±10
±100
1
60
80
PDM1-S12-D9-S1
12
10.8~13.2
±9
±6
±56
1
60
80
PDM1-S12-D12-S1
12
10.8~13.2
±12
±5
±42
1
60
80
PDM1-S12-D15-S1
12
10.8~13.2
±15
±4
±34
1
60
80
PDM1-S12-D24-S1
12
10.8~13.2
±24
±3
±21
1
60
80
PDM1-S15-S5-S
15
13.5~16.5
5
20
200
1
60
80
PDM1-S15-S9-S
15
13.5~16.5
9
11
111
1
60
80
PDM1-S15-S12-S
15
13.5~16.5
12
9
84
1
60
80
PDM1-S15-S15-S
15
13.5~16.5
15
7
67
1
60
80
PDM1-S15-S24-S
15
13.5~16.5
24
5
42
1
60
80
PDM1-S15-D5-S
15
13.5~16.5
±5
±10
±100
1
60
80
PDM1-S15-D9-S
15
13.5~16.5
±9
±6
±56
1
60
80
PDM1-S15-D12-S
15
13.5~16.5
±12
±5
±42
1
60
80
PDM1-S15-D15-S
15
13.5~16.5
±15
±4
±34
1
60
80
PDM1-S15-D24-S
15
13.5~16.5
±24
±3
±21
1
60
80
PDM1-S24-S3-S
24
21.6~26.4
3.3
31
303
1
60
74
PDM1-S24-S5-S1
24
21.6~26.4
5
20
200
1
60
80
PDM1-S24-S9-S1
24
21.6~26.4
9
11
111
1
60
80
PDM1-S24-S12-S1
24
21.6~26.4
12
9
84
1
60
80
PDM1-S24-S15-S1
24
21.6~26.4
15
7
67
1
60
80
PDM1-S24-S24-S1
24
21.6~26.4
24
5
42
1
60
80
PDM1-S24-D5-S1
24
21.6~26.4
±5
±10
±100
1
60
80
PDM1-S24-D9-S1
24
21.6~26.4
±9
±6
±56
1
60
80
PDM1-S24-D12-S1
24
21.6~26.4
±12
±5
±42
1
60
80
PDM1-S24-D15-S1
24
21.6~26.4
±15
±4
±34
1
60
80
PDM1-S24-D24-S1
24
21.6~26.4
±24
±3
±21
1
60
80
Notes:
1. UL approved
2. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com