Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM1-S Datasheet(PDF) 3 Page - CUI INC

Part # PDM1-S
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDM1-S Datasheet(HTML) 3 Page - CUI INC

  PDM1-S Datasheet HTML 1Page - CUI INC PDM1-S Datasheet HTML 2Page - CUI INC PDM1-S Datasheet HTML 3Page - CUI INC PDM1-S Datasheet HTML 4Page - CUI INC PDM1-S Datasheet HTML 5Page - CUI INC PDM1-S Datasheet HTML 6Page - CUI INC PDM1-S Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PDM1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/01/2021
│ page 3 of 7
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
3.3 Vdc input models
5 Vdc input models
9 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
2.97
4.5
8.1
10.8
13.5
21.6
3.3
5
9
12
15
24
3.63
5.5
9.9
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
3.3 Vdc input models
5 Vdc input models
9 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
-0.7
-0.7
5
9
12
18
21
30
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of 1%
3.3 Vdc output models
all other models
±1.5
±1.2
%
%
load regulation
measured from 10% load to full load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
18
12
9
8
7
6
%
%
%
%
%
%
voltage accuracy
see tolerance envelope curve
switching frequency
100% load, nominal input voltage
100
kHz
temperature coefficient
100% load
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection1
3.3 Vdc input single output models, 24 Vdc input
single/dual output models, PDM1-S5-S24-S,
PDM1-S5-D24-S, PDM1-S3-D15-S
all other models: continuous, auto recovery
1
s
Notes:
1. The supply voltage must be discontinued at the end of the short circuit duration
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output at 100Khz/0.1V
20
pF
safety approvals2
certified to 62368-1: EN
certified to 60950-1: UL
conducted emissions
CISPR32/EN55032 class B (external circuit required, see Figure 1)
radiated emissions
CISPR32/EN55032 class B (external circuit required, see Figure 1)
ESD
IEC/EN61000-4-2, class B, contact ± 8kV for single outputs
IEC/EN61000-4-2, class B, contact ± 6kV for dual outputs
MTBF
as per MIL-HDBK-217F at 25°C
3,500,000
hours
RoHS
yes
Notes:
2. See specific models noted on pages 1 and 2
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com